Electronic Components Datasheet Search
  English  ▼

X  

83C51FA Datasheet(PDF) 3 Page - Intel Corporation

Part # 83C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C51FA Datasheet(HTML) 3 Page - Intel Corporation

  83C51FA Datasheet HTML 1Page - Intel Corporation 83C51FA Datasheet HTML 2Page - Intel Corporation 83C51FA Datasheet HTML 3Page - Intel Corporation 83C51FA Datasheet HTML 4Page - Intel Corporation 83C51FA Datasheet HTML 5Page - Intel Corporation 83C51FA Datasheet HTML 6Page - Intel Corporation 83C51FA Datasheet HTML 7Page - Intel Corporation 83C51FA Datasheet HTML 8Page - Intel Corporation 83C51FA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
80C51FA83C51FA PRODUCT
OPTIONS
Intel’s extended and automotive temperature range
products are designed to meet the needs of those
applications whose operating requirements exceed
commercial standards
With the commercial standard temperature range
operational characteristics are guaranteed over the
temperature range of 0 Cto70 C ambient With the
extended temperature range option
operational
characteristics are guaranteed over the temperature
range of b40 Cto a85 C ambient For the automo-
tive temperature range option operational charac-
teristics are guaranteed over the temperature range
of b40 Cto a125 C ambient
As shown in Figure 2 temperature burn-in and
package options are identified by a one- or two-letter
prefix to the part number
270501 – 2
Example
AN83C51FA indicates an automotive temperature range version of the 83C51FA in a PLCC package with 8 Kbyte ROM
program memory
Figure 2 MCS
51 Microcontroller Product Family Nomenclature
Table 1 Temperature Options
Temperature
Temperature
Operating
Burn-In
Classification
Designation
Temperature
Options
C Ambient
Extended
T
b
40 to a85
Standard
L
b
40 to a85
Extended
Automotive
A
b
40 to a125
Standard
B
b
40 to a125
Extended
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com