Electronic Components Datasheet Search
  English  ▼

X  

28F800B5 Datasheet(PDF) 13 Page - Intel Corporation

Part # 28F800B5
Description  SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F800B5 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 28F800B5 Datasheet HTML 9Page - Intel Corporation 28F800B5 Datasheet HTML 10Page - Intel Corporation 28F800B5 Datasheet HTML 11Page - Intel Corporation 28F800B5 Datasheet HTML 12Page - Intel Corporation 28F800B5 Datasheet HTML 13Page - Intel Corporation 28F800B5 Datasheet HTML 14Page - Intel Corporation 28F800B5 Datasheet HTML 15Page - Intel Corporation 28F800B5 Datasheet HTML 16Page - Intel Corporation 28F800B5 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
E
SMART 5 BOOT BLOCK MEMORY FAMILY
13
ADVANCE INFORMATION
3.0
PRINCIPLES OF OPERATION
The system processor accesses the Smart 5 boot
block
memories
through
the
Command
User
Interface (CUI), which accepts commands written
with standard microprocessor write timings and
TTL-level control inputs. The flash can be switched
into each of its three read and two write modes
through
commands
issued
to
the
CUI.
A
comprehensive chart showing the state transitions
is in Appendix A.
After initial device power-up or return from deep
power-down mode, the device defaults to read
array mode. In this mode, manipulation of the
memory control pins allows array read, standby,
and output disable operations. The other read
modes, read identifier and read status register, can
be reached by issuing the appropriate command to
the CUI. Array data, identifier codes and status
register results can be accessed using these
commands independently from the VPP voltage.
Read identifier mode can also be accessed by
PROM programming equipment by raising A9 to
high voltage (VID).
CUI commands sequences also control the write
functions of the flash memory, Program and Erase.
Issuing program or erase command sequences
internally latches addresses and data and initiates
Write State Machine (WSM) operations to execute
the requested write function. The WSM internally
regulates
the
program
and
erase
algorithms,
including pulse repetition, internal verification, and
margining of data, freeing the host processor from
these tasks and allowing precise control for high
reliability.
To
execute
Program
or
Erase
commands, VPP must be at valid write voltage (5 V
or 12 V).
While the WSM is executing a program operation,
the device defaults to the read status register mode
and all commands are ignored. Thus during the
programming process, only status register data can
be accessed from the device. While the WSM is
executing a erase operation, the device also
defaults to the read status register mode but one
additional command is available, erase suspend to
read, which will suspend the erase operation and
allow reading of array data. The suspended erase
operation can be completed by issuing the Erase
Resume command. After the program or erase
operation has completed, the device remains in
read status register mode. From this mode any of
the other read or write modes can be reached with
the appropriate command. For example, to read
data, issue the Read Array command. Additional
Program or Erase commands can also be issued
from this state.
During program or erase operations, the array data
is not available for reading or code execution,
except during an erase suspend. Consequently, the
software that initiates and polls progress of program
and erase operations must be copied to and
executed from system RAM during flash memory
update. After successful completion, reads are
again possible via the Read Array command.
Each of the device modes will be discussed in
detail in the following sections.
3.1
Bus Operations
The local CPU reads and writes flash memory in-
system. All bus cycles to or from the flash memory
conform to standard microprocessor bus cycles.
Four control pins dictate the data flow in and out of
the component: CE#, OE#, WE#, and RP#. These
bus operations are summarized in Tables 3 and 4.
3.1.1
READ
The flash memory has three read modes available,
read array, read identifier, and read status. These
read modes are accessible independent of the VPP
voltage. RP# can be at either VIH or VHH. The
appropriate read-mode command must be issued to
the CUI to enter the corresponding mode. Upon
initial device power-up or after exit from deep
power-down
mode,
the
device
automatically
defaults to read array mode.
CE# and OE# must be driven active to obtain data
at the outputs. CE# is the device selection control,
and, when active, enables the selected memory
device. OE# is the data output (DQ0–DQ15) control
and when active drives the selected memory data
onto the I/O bus. In read modes, WE# must be at
VIH and RP# must be at VIH or VHH. Figure 15
illustrates a read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com