Electronic Components Datasheet Search
  English  ▼

X  

82078 Datasheet(PDF) 2 Page - Intel Corporation

Part # 82078
Description  FLOPPY DISK CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82078 Datasheet(HTML) 2 Page - Intel Corporation

  82078 Datasheet HTML 1Page - Intel Corporation 82078 Datasheet HTML 2Page - Intel Corporation 82078 Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
82078
Table 1-0 64 Pin Part Versions
33V
50V
2 Mbps Data Rate
82078SL
X
X
82078-1
X
X
The 44 pin is targeted for platforms that are operated at 33V or 50V and do not require more than two drive
support The 82078-5 is designed for price sensitive 50V designs which do not include 4 MB drive support
Table 2-0 44 Pin Part Versions
33V
50V
1 Mbps Data Rate
82078
X
X
82078-5
X
82078-3
X
X
Both parts can be operated at 1 Mbps500 Kbps300 Kbps250 Kbps Additionally one version of the 64 pin
part provides 2 Mbps data rate operation specific for the new tape drives
The 82078 is fabricated with Intel’s advanced CHMOS III technology
290468 – 1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com