Electronic Components Datasheet Search
  English  ▼

X  

28F004B5 Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F004B5
Description  SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004B5 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F004B5 Datasheet HTML 13Page - Intel Corporation 28F004B5 Datasheet HTML 14Page - Intel Corporation 28F004B5 Datasheet HTML 15Page - Intel Corporation 28F004B5 Datasheet HTML 16Page - Intel Corporation 28F004B5 Datasheet HTML 17Page - Intel Corporation 28F004B5 Datasheet HTML 18Page - Intel Corporation 28F004B5 Datasheet HTML 19Page - Intel Corporation 28F004B5 Datasheet HTML 20Page - Intel Corporation 28F004B5 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
E
SMART 5 BOOT BLOCK MEMORY FAMILY
17
ADVANCE INFORMATION
these bits, several operations (such as cumulatively
erasing multiple blocks or programming several
bytes in sequence) may be performed before
polling the status register to determine if an error
occurred during the series.
Issue the Clear Status Register command (50H) to
clear the status register. It functions independently
of the applied VPP voltage and RP# can be VIH or
VHH. This command is not functional during block
erase suspend modes. Resetting the part with RP#
also clears the status register.
3.2.4
WORD/BYTE PROGRAM
Word or byte program operations are executed by a
two-cycle command sequence. Program Set-Up
(40H) is issued, followed by a second write that
specifies the address and data (latched on the
rising edge of WE# or CE#, whichever comes first).
The WSM then takes over, controlling the program
and program verify algorithms internally. While the
WSM is working, the device automatically enters
read status register mode and remains there after
the word/byte program is complete. (see Figure 8).
The completion of the program event is indicated on
status register bit SR.7.
When a word/byte program is complete, check
status register bit SR.4 for an error flag (“1”). The
cause of a failure may be found on SR.3, which
indicates “1” if VPP was out of program/erase
voltage range (VPPH1 or VPPH2). The status register
should be cleared before the next operation. The
internal WSM verify only detects errors for “1”s that
do not successfully write to “0”s.
Since the device remains in status register read
mode after programming is completed, a command
must be issued to switch to another mode before
beginning a different operation.
3.2.5
BLOCK ERASE
A block erase changes all block data to 1’s
(FFFFH) and is initiated by a two-cycle command.
An Erase Set-Up command (20H) is issued first,
followed by an Erase Confirm command (D0H)
along with an address within the target block. The
address will be latched at the rising edge of WE# or
CE#, whichever comes first.
Internally, the WSM will program all bits in the block
to “0,” verify all bits are adequately programmed to
“0,” erase all bits to “1,” and verify that all bits in the
block are sufficiently erased. After block erase
command
sequence
is
issued,
the
device
automatically enters read status register mode and
outputs status register data when read (see
Figure 9). The completion of the erase event is
indicated on status register bit SR.7.
When an erase is complete, check status register
bit SR.5 for an error flag (“1”). The cause of a failure
may be found on SR.3, which indicates “1” if VPP
was out of program/erase voltage range (VPPH1 or
VPPH2). If an Erase Set-Up (20H) command is
issued but not followed by an Erase Confirm (D0H)
command, then both the program status (SR.4) and
the erase status (SR.5) will be set to “1.”
The status register should be cleared before the
next operation. Since the device remains in status
register read mode after erasing is completed, a
command must be issued to switch to another
mode before beginning a different operation.
3.2.5.1
Erase Suspend/Resume
The Erase Suspend command (B0H) interrupts an
erase operation in order to read data in another
block of memory. While the erase is in progress,
issuing the Erase Suspend command requests that
the WSM suspend the erase algorithm after a
certain latency period. After issuing the Erase
Suspend command, write the Read Status Register
command, then check bit SR.7 and SR.6 to ensure
the device is in the erase suspend mode (both will
be set to “1”). This check is necessary because the
WSM may have completed the erase operation
before the Erase Suspend command was issued. If
this occurs, the Erase Suspend command would
switch the device into read array mode. See
Appendix A for a comprehensive chart showing the
state transitions.
When erase has been suspended, a Read Array
command (FFH) can be written to read from blocks
other than that which is suspended. The only other
valid commands at this time are Erase Resume
(D0H) or Read Status Register.
During erase suspend mode, the chip can go into a
pseudo-standby mode by taking CE# to VIH, which
reduces active current draw. VPP must remain at
VPPH1 or VPPH2 (the same VPP level used for block
erase) while erase is suspended. RP# must also
remain at VIH or VHH (the same RP# level used for
block erase).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com