Electronic Components Datasheet Search
  English  ▼

X  

80L186EC13 Datasheet(PDF) 27 Page - Intel Corporation

Part # 80L186EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80L186EC13 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80L186EC13 Datasheet HTML 23Page - Intel Corporation 80L186EC13 Datasheet HTML 24Page - Intel Corporation 80L186EC13 Datasheet HTML 25Page - Intel Corporation 80L186EC13 Datasheet HTML 26Page - Intel Corporation 80L186EC13 Datasheet HTML 27Page - Intel Corporation 80L186EC13 Datasheet HTML 28Page - Intel Corporation 80L186EC13 Datasheet HTML 29Page - Intel Corporation 80L186EC13 Datasheet HTML 30Page - Intel Corporation 80L186EC13 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
80C186EC188EC 80L186EC188EC
DC SPECIFICATIONS (80L186EC1380L188EC13)
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
27
55
V
VIL
Input Low Voltage
b
05
03 VCC
V
VIH
Input High Voltage
07 VCC
VCC a 05
V
VOL
Output Low Voltage
045
V
IOL e 3 mA (Min)
VOH
Output High Voltage
VCC b 05
V
IOH eb2 mA (Min)
VHYR
Input Hysteresis on RESIN
05
V
ILI
Input Leakage Current for Pins
g
15
m
A0 s VIN s VCC
AD150 (AD70 A158) READY
HOLD RESIN CLKIN
TEST BUSY NMI INT70
T0IN T1IN P27 – P20 P35 – P30
DRQ30 PEREQ ERROR
ILIU
Input Leakage for Pins with Pullups
b
0275
b
5mA
VIN e 07 VCC
Active During Reset
(Note 1)
A1916 LOCK
ILO
Output Leakage for Floated Output
g
15
m
A
045 s VOUT s VCC
Pins
(Note 2)
ICC
Supply Current Cold (in RESET)
(Note 3)
80L186EC-13
36
mA
IID
Supply Current in Idle Mode
(Note 4)
80L186EC-13
24
mA
IPD
Supply Current in Powerdown Mode
(Note 5)
80L186EC-13
30
m
A
CIN
Input Pin Capacitance
0
15
pF
TF e 1 MHz
COUT
Output Pin Capacitance
0
15
pF
TF e 1 MHz (Note 6)
NOTES
1 These pins have an internal pull-up device that is active while RESIN is low and ONCE Mode is not active Sourcing more
current than specified (on any of these pins) may invoke a factory test mode
2 Tested by outputs being floated by invoking ONCE Mode or by asserting HOLD
3 Measured with the device in RESET and at worst case frequency VCC and temperature with ALL outputs loaded as
specified in AC Test Conditions and all floating outputs driven to VCC or GND
4 Measured with the device in HALT (IDLE Mode active) and at worst case frequency VCC and temperature with ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
5 Measured with the device in HALT (Powerdown Mode active) and at worst case frequency VCC and temperature with
ALL
outputs loaded as specified in AC Test Conditions and all floating outputs driven to VCC or GND
6 Output Capacitance is the capacitive load of a floating output pin
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com