Electronic Components Datasheet Search
  English  ▼

X  

82078SL Datasheet(PDF) 1 Page - Intel Corporation

Part # 82078SL
Description  FLOPPY DISK CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82078SL Datasheet(HTML) 1 Page - Intel Corporation

  82078SL Datasheet HTML 1Page - Intel Corporation 82078SL Datasheet HTML 2Page - Intel Corporation 82078SL Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
February 1994
COPYRIGHT
INTEL CORPORATION 1996
Order Number 290468-003
82078 CHMOS SINGLE-CHIP
FLOPPY DISK CONTROLLER
Y
Small Footprint and Low Height
Packages
Y
Supports Standard 50V as Well as Low
Voltage 33V Platforms
Selectable 33V and 50V
Configuration
50V Tolerant Drive Interface
Y
Enhanced Power Management
Application Software Transparency
Programmable Powerdown
Command
Save and Restore Commands for 0V
Powerdown
Auto Powerdown and Wakeup
Modes
Two External Power Management
Pins
Consumes No Power While in
Powerdown
Y
Programmable Internal Oscillator
Y
Floppy Drive Support Features
Drive Specification Command
Media ID Capability Provides Media
Recognition
Drive ID Capability Allows the User
to Recognize the Type of Drive
Selectable Boot Drive
Standard IBM and ISO Format
Features
Format with Write Command for
High Performance in Mass Floppy
Duplication
Y
Integrated HostDisk Interface Drivers
Y
Integrated Analog Data Separator
250 Kbitssec
300 Kbits sec
500 Kbits sec
1 Mbitssec
2 Mbitssec
Y
Integrated Tape Drive Support
Standard 1 Mbps500 Kbps
250 Kbps Tape Drives
New 2 Mbps Tape Drive Mode
Y
Perpendicular Recording Support for
4 MB Drives
Y
Fully Decoded Drive Select and Motor
Signals
Y
Programmable Write Precompensation
Delays
Y
Addresses 256 Tracks Directly
Supports Unlimited Tracks
Y
16 Byte FIFO
Y
Single-Chip Floppy Disk Controller
Solution for Portables and Desktops
100% PC-AT Compatible
100% PS2 Compatible
100% PS2 Model 30 Compatible
Fully Compatible with Intel’s 386SL
Microprocessor SuperSet
Integrated Drive and Data Bus
Buffers
Y
Available in 64 Pin QFP and 44 Pin QFP
Package
(See Package Specification Order Number 240800 Package
Type S)
The 82078 Product Family brings a set of enhanced floppy disk controllers These include several features
that allow for easy implementation in both the portable and desktop market The current family includes a 64
pin and a 44 pin part in the smaller form factor QFP package The 33V version of the 64 pin part provides an
ideal solution for the rapidly emerging 33V platforms It also allows for a 50V tolerant floppy drive interface
that lets the users retain their normal 50V drives Another version of the 64 pin part provides support for 2
Mbps data rate tape drives
Other brands and names are the property of their respective owners


Similar Part No. - 82078SL

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8207884 FESTO-8207884 Datasheet
75Kb / 2P
Soft gripper
8207885 FESTO-8207885 Datasheet
76Kb / 2P
Soft gripper
8207889 FESTO-8207889 Datasheet
76Kb / 2P
Soft gripper
More results

Similar Description - 82078SL

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
UPD72069 Floppy-Disk Controller
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
USB Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com