Electronic Components Datasheet Search
  English  ▼

X  

TP83C51FA Datasheet(PDF) 4 Page - Intel Corporation

Part # TP83C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP83C51FA Datasheet(HTML) 4 Page - Intel Corporation

  TP83C51FA Datasheet HTML 1Page - Intel Corporation TP83C51FA Datasheet HTML 2Page - Intel Corporation TP83C51FA Datasheet HTML 3Page - Intel Corporation TP83C51FA Datasheet HTML 4Page - Intel Corporation TP83C51FA Datasheet HTML 5Page - Intel Corporation TP83C51FA Datasheet HTML 6Page - Intel Corporation TP83C51FA Datasheet HTML 7Page - Intel Corporation TP83C51FA Datasheet HTML 8Page - Intel Corporation TP83C51FA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
PIN DESCRIPTIONS
VCC Supply voltage
VSS Circuit ground
Port 0
Port 0 is an 8-bit open drain bidirectional
IO port As an output port each pin can sink several
LS TTL inputs Port 0 pins that have 1’s written to
them float and in that state can be used as high-im-
pedance inputs
Port 0 is also the multiplexed low-order address and
data bus during accesses to external Program and
Data Memory In this application it uses strong inter-
nal pullups when emitting1’s and can source and
sink several LS TTL inputs
Port 0 outputs the code bytes during program verifi-
cation External pullup resistors are required during
program verification
Port 1
Port 1 is an 8-bit bidirectional IO port with
internal pullups The Port 1 output buffers can drive
LS TTL inputs Port 1 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 1
pins that are externally pulled low will source current
(IIL on the datasheet) because of the internal pull-
ups
In addition Port 1 serves the functions of the follow-
ing special features of the 83C51FA
Port Pin
Alternate Function
P10
T2 (External Count Input to Timer
Counter 2)
P11
T2EX (TimerCounter 2 Capture
Reload Trigger and Direction Control)
P12
ECI (External Count Input to the PCA)
P13
CEX0 (External IO for Compare
Capture Module 0)
P14
CEX1 (External IO for Compare
Capture Module 1)
P15
CEX2 (External IO for Compare
Capture Module 2)
P16
CEX3 (External IO for Compare
Capture Module 3)
P17
CEX4 (External IO for Compare
Capture Module 4)
Port 2
Port 2 is an 8-bit bidirectional IO port with
internal pullups The Port 2 output buffers can drive
LS TTL inputs Port 2 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 2
pins that are externally pulled low will source current
(IIL on the datasheet) because of the internal pull-
ups
Port 2 emits the high-order address byte during
fetches from external Program Memory and during
accesses to external Data Memory that use 16-bit
addresses (MOVX
DPTR) In this application it
uses strong internal pullups when emitting 1’s Dur-
ing accesses to external Data Memory that use 8-bit
Pin (PDIP)
270501 – 3
Pad (PLCC)
270501 – 4
Do not connect reserved pins
Diagrams are for pin reference only Package sizes are not to scale
Figure 3 Pin Connections
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com