Electronic Components Datasheet Search
  English  ▼

X  

80C188EC Datasheet(PDF) 30 Page - Intel Corporation

Part # 80C188EC
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80C188EC Datasheet HTML 26Page - Intel Corporation 80C188EC Datasheet HTML 27Page - Intel Corporation 80C188EC Datasheet HTML 28Page - Intel Corporation 80C188EC Datasheet HTML 29Page - Intel Corporation 80C188EC Datasheet HTML 30Page - Intel Corporation 80C188EC Datasheet HTML 31Page - Intel Corporation 80C188EC Datasheet HTML 32Page - Intel Corporation 80C188EC Datasheet HTML 33Page - Intel Corporation 80C188EC Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
80C186EC188EC 80L186EC188EC
AC SPECIFICATIONS
AC Characteristics80C186EC25
Symbol
Parameter
25 MHz
Units
Notes
Min
Max
INPUT CLOCK
TF
CLKIN Frequency
0
50
MHz
1
TC
CLKIN Period
20
%
ns
1
TCH
CLKIN High Time
8
%
ns
1 2
TCL
CLKIN Low Time
8
%
ns
1 2
TCR
CLKIN Rise Time
1
10
ns
1 3
TCF
CLKIN Fall Time
1
10
ns
1 3
OUTPUT CLOCK
TCD
CLKIN to CLKOUT Delay
0
17
ns
1 4
T
CLKOUT Period
2 TC
ns
1
TPH
CLKOUT High Time
(T2) b 5
(T2) a 5ns
1
TPL
CLKOUT Low Time
(T2) b 5
(T2) a 5ns
1
TPR
CLKOUT Rise Time
1
6
ns
1 5
TPF
CLKOUT Fall Time
1
6
ns
1 5
OUTPUT DELAYS
TCHOV1
ALE S20 DEN DTR
3
17
ns
1 4 6 7
BHE (RFSH) LOCK A1916
TCHOV2
GCS07 LCS UCS NCS RD WR
3
20
ns
1 4 6 8
TCLOV1
BHE (RFSH) DEN LOCK RESOUT
3
17
ns
1 4 6
HLDA T0OUT T1OUT A1916
TCLOV2
RD WR GCS70 LCS UCS AD150
3
20
ns
1 4 6
(AD70 A158) NCS INTA10 S20
TCHOF
RD WR BHE (RFSH) DTR
0
20
ns
1
LOCK S20 A1916
TCLOF
DEN AD150 (AD70 A158)
0
20
ns
1
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com