Electronic Components Datasheet Search
  English  ▼

X  

82371FB Datasheet(PDF) 78 Page - Intel Corporation

Part # 82371FB
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371FB Datasheet(HTML) 78 Page - Intel Corporation

Back Button 82371FB Datasheet HTML 74Page - Intel Corporation 82371FB Datasheet HTML 75Page - Intel Corporation 82371FB Datasheet HTML 76Page - Intel Corporation 82371FB Datasheet HTML 77Page - Intel Corporation 82371FB Datasheet HTML 78Page - Intel Corporation 82371FB Datasheet HTML 79Page - Intel Corporation 82371FB Datasheet HTML 80Page - Intel Corporation 82371FB Datasheet HTML 81Page - Intel Corporation 82371FB Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
78
2.6.2.
APMS—ADVANCED POWER MANAGEMENT STATUS PORT
I/O Address:
0B3h
Default Value:
00h
Attribute:
Read/Write
This register passes status information between the OS and the SMI handler. The PIIX/PIIX3 operation is not
effected by the data in this register.
Bit
Description
7:0
APM Status Port (APMS). Writes store data in this register and reads return the last data
written.
2.7.
PCI BUS Master IDE Registers
The PCI Bus master IDE function uses 16 bytes of I/O space, allocated via the BMIBA register (A PCI Base
Address register). All bus master IDE I/O space registers can be accessed as byte, word, or Dword
quantities. The description of the 16 bytes of I/O registers follows:
2.7.1.
BMICOM—BUS MASTER IDE COMMAND REGISTER
Address Offset:
Primary Channel—Base + 00h; Secondary Channel—Base + 08h
Default Value:
00h
Attribute:
Read / Write
This register enables/disables bus master capability for the IDE function and provides direction control for the
IDE DMA transfers. This register also provides bits that software uses to indicate DMA capability of the IDE
device.
Bit
Description
7:4
Reserved
3
Bus Master Read/Write Control (RWCON). 0=Reads; 1=Writes. This bit must NOT be
changed when the bus master function is active.
2:1
Reserved.
0
Start/Stop Bus Master (SSBM). 1=Start; 0=Stop. When this bit is set to 1, bus master
operation starts. The controller transfers data between the IDE device and memory only when
this bit is set. Master operation can be stopped by writing a 0 to this bit. This results in all state
information being lost (i.e., master mode operation cannot be stopped and then resumed).
If this bit is set to 0 while bus master operation is still active (i.e., Bit 0=1 in the Bus Master IDE
Status Register for that IDE channel) and the drive has not yet finished its data transfer (bit
2=0 in the channel's Bus Master IDE Status Register), the bus master command is aborted
and data transferred from the drive may be discarded before being written to system memory.
This bit is intended to be set to 0 after the data transfer is completed, as indicated by either bit
0 or bit 2 being set in the IDE Channel's Bus Master IDE Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com