Electronic Components Datasheet Search
  English  ▼

X  

HFE12-F120/9-DT2-R Datasheet(PDF) 5 Page - Hongfa Technology

Part # HFE12-F120/9-DT2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE12-F120/9-DT2-R Datasheet(HTML) 5 Page - Hongfa Technology

  HFE12-F120/9-DT2-R Datasheet HTML 1Page - Hongfa Technology HFE12-F120/9-DT2-R Datasheet HTML 2Page - Hongfa Technology HFE12-F120/9-DT2-R Datasheet HTML 3Page - Hongfa Technology HFE12-F120/9-DT2-R Datasheet HTML 4Page - Hongfa Technology HFE12-F120/9-DT2-R Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
knhp jhn
mnho jhn
lhs jhm
nm jhn
sl
/GKALAN= HGD9JALQ
-=?LAN= HGD9JALQ
yGAD 6AJAF? zA9?J9E
/yx +9QGML
zAK;D9AE=J
3@AK <9L9K@==L AK >GJ L@= ;MKLGE=JKX J=>=J=F;=hwDD L@= KH=;A>A;9LAGFK 9J= KM:B=;L LG ;@9F?= OAL@GML FGLA;=h
6= ;GMD< FGL =N9DM9L= 9DD L@= H=J>GJE9F;= 9F< 9DD L@= H9J9E=L=JK >GJ =N=JQ HGKKA:D= 9HHDA;9LAGFh 3@MK L@= MK=J K@GMD< := AF 9 JA?@L HGKALAGF LG
;@GGK= L@= KMAL9:D= HJG<M;L >GJ L@=AJ GOF 9HHDA;9LAGFh *> L@=J= AK 9FQ IM=JQf HD=9K= ;GFL9;L ~GF?>9 >GJ L@= L=;@FA;9D K=JNA;=h~GO=N=Jf AL AK L@= MK=JXK
J=KHGFKA:ADALQ LG <=L=JEAF= O@A;@ HJG<M;L K@GMD< := MK=< GFDQh
S 7A9E=F ~GF?>9 {D=;LJG9;GMKLA; yGhf +L<h wDD JA?@LK G> ~GF?>9 9J= J=K=JN=<h
lg Wmhl
2=Lc;DGK=d
1=K=LcGH=Fd
2=L c;DGK=d
1=K=LcGH=Fd
1=K=LcGH=Fd
2=Lc;DGK=d
2=Lc;DGK=d
1=K=LcGH=Fd
kh 1=D9Q AK GF L@= YJ=K=LZ GJ _K=L_ KL9LMK O@=F :=AF? J=D=9K=< >JGE KLG;Cf OAL@ L@= ;GFKA<=J9LAGF G> K@G;C JAK=F >JGE LJ9FKAL 9F< J=D9Q
EGMFLAF?f J=D9Q OGMD< := ;@9F?=< LG YK=LZ GJ _J=K=L_ KL9LMKf L@=J=>GJ=f O@=F 9HHDA;9LAGF c;GFF=;LAF? L@= HGO=J KMHHDQdf HD=9K=
J=K=L L@= J=D9Q LG YK=LZ GJ YJ=K=LZ KL9LMK GF J=IM=KLh
lh *F GJ<=J LG E9AFL9AF YK=LZ GJ YJ=K=LZ KL9LMKf =F=J?AR=< NGDL9?= LG ;GAD K@GMD< J=9;@ L@= J9L=< NGDL9?=f AEHMDK= OA<L@ K@GMD< := o
LAE=K EGJ= L@9F YK=LZ GJ YJ=K=LZ LAE=hzG FGL =F=J?AR= NGDL9?= LG YK=LZ ;GAD 9F< YJ=K=LZ ;GAD KAEMDL9F=GMKDQhwF< 9DKG DGF? =F=J?AR=<
LAE= cEGJ= L@9F k EAFd K@GMD< := 9NGA<=<h
mh 3@= L=JEAF9DK G> J=D9Q OAL@GML LOAKL=< ;GHH=J OAJ= ;9F FGL := LAFgKGD<=J=<f ;9F FGL := EGN=< OADD>MDDQf EGJ= GN=J LOG L=JEAF9DK
;9F FGL := >AP=< 9L L@= K9E= LAE=h
nh 1=D9QK MK=< >GJ E=L=JAF? E=9KMJAF? 9HHDA;9LAGFK 9J= MKM9DDQ E9<= OAL@ <MKL HJGG> KLJM;LMJ=f O@AD= EGKL J=D9QK ;GMD< := E9<=
KH=;A9DDQ H=J ;MKLGE=JbK KH=;A>A; J=IMAJ=E=FLKh-G DGF?=J L@9F p EGFL@Kb KLGJ9?= LAE= AK J=;GEE=F<=< >GJ L@AK CAF< G> J=D9Qf
9F< HD=9K= H9Q 9LL=FLAGF LG L@= KLGJ9?= =FNAJGFE=FLh 3G =FKMJ= ;GFL9;L J=DA9:ADALQf O= OADD C==H ;GFL9;L KL9LMK := ;DGK=< O@=F
<=DAN=JQ A> FG KH=;A9D J=IMAJ=< :Q ;MKLGE=Jh
@UYQKM
AFE>=@9 8=?9@D=A@D 5@8 H=C=@; 8=5;C5?
4FALt EE
m
k
k
m
l
k
m
k
l
m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com