Electronic Components Datasheet Search
  English  ▼

X  

CD4148WSP Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # CD4148WSP
Description  Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

CD4148WSP Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  CD4148WSP Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED CD4148WSP Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Chip Diodes
Switching Diode
FEATURES
• Silicon epitaxial planar diode
• SMD chip pattern, available in various dimension included 1206 & 0603
• Leadfree and RoHS compliance components
• For small signal switching and operating ambient temperature less than
55oC and voltage withstand less than 60V; not suitable for AC switching
input as rectified circuit and high reverse voltage location
MECHANICAL CHARACTERISTICS
• Size: 0805
• Weight: approx. 6mg
• Marking: Cathode terminal
THERMAL CHARACTERISTICS1)
Parameter at Tamb=25
oC1)
Symbol
Value
Unit
Forward Power Dissipation
Power derating above 25
oC
Ptot
200
mW
1.6
mW/
oC
Junction Temperature
Tj
150
oC
Thermal Resistance Junction to Ambient air
RθJA
375
oC/W
Operating& Storage Temperature range
Tstg
-55 to 150
oC
MAXIMUM RATING1)
Parameter at Tamb=25
oC1)
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
75
V
Average rectified current sin half wave rectification
with resistive load
IF(AV)
150
mA
Repetitive Peak Forward Current at Tamb=25°C
IFRM
300
mA
Non-Repetitive Surge Forward Current at t<1s and
Tj=25
oC
at t
8.3ms and Tj=25
oC
IFSM
500
mA
1000
mA
ELECTRICAL CHARACTERISTICS
1)
Parameter at Tamb=25
oC1)
Symbol
Value
Unit
Forward Voltage at IF=10mA
at IF=100mA
VF
1.0 MAX
V
1.25 MAX
V
Leakage Current at VR=20V Leakage
Current at VR=75V
IR
0.025 MAX
uA
5 MAX
uA
Capacitance at VR=0V, f=1MHz
Ctot
4 MAX
pF
Reverse Recovery Time at IF =IR=10mA,RL=100Ω
trr
4 MAX
ns
1) Valid provided that electrodes are kept at ambient temperature.
0805
L
2.0±0.2 mm
W
1.25±0.2 mm
T
0.85±0.1 mm
C
0.45±0.2 mm
CD4148WSP
MAKO Semiconductor Co., Limited
4008-378-873
http://www.makosemi.hk/


Similar Part No. - CD4148WSP

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
CD4148WSP MOSPEC-CD4148WSP Datasheet
156Kb / 3P
Small-Signal Chip Diode
logo
PACELEADER INDUSTRIAL
CD4148WSP PACELEADER-CD4148WSP Datasheet
294Kb / 2P
SMALL-SIGNAL CHIP DIODE
logo
GUANGDONG HOTTECH INDUS...
CD4148WSP HOTTECH-CD4148WSP Datasheet
342Kb / 2P
Switching Diode
logo
DONGGUAN YOU FENG WEI E...
CD4148WSP YFWDIODE-CD4148WSP Datasheet
878Kb / 6P
Switching Diode
More results

Similar Description - CD4148WSP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com