Electronic Components Datasheet Search
  English  ▼

X  

FN5000109 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FN5000109
Description  3.3V CMOS Low Jitter XO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN5000109 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FN5000109 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN5000109 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN5000109 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All specifications are subject to change without notice.
FN 3.3 REV2008_DEC29_01.4
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
3.3V CMOS Low Jitter XO
3.3V CMOS Low Jitter XO
FN Series Crystal Clock Oscillator (XO)
Legacy S1613 Series | 7.0 x 5.0mm
FN
Reliability Test Ratings
This product is rated to meet the following test conditions:
Type
Parameter
Test Condition
Mechanical
Shock
MIL-STD-883, Method 2002, Condition B
Mechanical
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Mechanical
Terminal strength
MIL-STD-883, Method 2004, Condition D
Mechanical
Gross leak
MIL-STD-883, Method 1014, Condition C
Mechanical
Fine leak
MIL-STD-883, Method 1014, Condition A2 (R1 = 2x10-8 atm cc/s)
Mechanical
Solvent resistance
MIL-STD-202, Method 215
Environmental
Thermal shock
MIL-STD-883, Method 1011, Condition A
Environmental
Moisture resistance
MIL-STD-883, Method 1004
Environmental
Vibration
MIL-STD-883, Method 2007, Condition A
Environmental
Resistance to soldering heat
J-STD-020C Table 5-2 Pb-free devices (2 cycles max)
Test Circuit
Power
Supply
Output Enable / Disable Function
0.1μF
or
0.01μF
Test Point
1
2
3
4
15 pF
(Including probe
and fixture
capacitance)
Reflow Soldering Profile
Peak 260°C for 10 sec max
260
1 to 3°C/sec max
60 to 90 sec
Time
1 to 3°C/sec
217
4 to 6 minutes max
As per IPC/JEDEC J-STD-020C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com