Electronic Components Datasheet Search
  English  ▼

X  

KTC3875 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # KTC3875
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

KTC3875 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  KTC3875 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED KTC3875 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
• High hFE
• Low noise
• Complementary to KTA1504
Maximum Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
0.15
A
Collector Power dissipation
PC
0.15
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=100
μA,IE=0
60
V
Collector-emitter breakdown voltage
VCEO
IC= 1mA, IB=0
50
V
Emitter-base breakdown voltage
VEBO
IE= 100
μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 60V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
DC current gain
hFE
VCE= 6V, IC= 2mA
70
700
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 10mA
0.1
0.25
V
base-emitter saturation voltage
VBE(sat)
IC=100mA, IB= 10mA
1
V
Transition frequency
fT
VCE=10V,
IC= 1mA
80
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHZ
2.0
3.5
pF
Noise figure
NF
VCE=6V,IC=0.1mA,Rg=10kΩ,f=1KHZ
1.0
10
dB
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
Marking
ALO
ALY
ALG
ALL
KTC3875(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - KTC3875

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3875 KEC-KTC3875 Datasheet
394Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Galaxy Semi-Conductor H...
KTC3875 BILIN-KTC3875 Datasheet
232Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Weitron Technology
KTC3875 WEITRON-KTC3875 Datasheet
494Kb / 5P
Plastic-Encapsulate Transistors NPN Silicon
logo
Shenzhen Jin Yu Semicon...
KTC3875 HTSEMI-KTC3875 Datasheet
787Kb / 3P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
KTC3875 SECOS-KTC3875 Datasheet
595Kb / 3P
0.15A , 60V NPN Plastic Encapsulated Transistor
More results

Similar Description - KTC3875

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
BCX38 JIANGSU-BCX38 Datasheet
383Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com