Electronic Components Datasheet Search
  English  ▼

X  

AD5325ARM Datasheet(PDF) 17 Page - Analog Devices

Part # AD5325ARM
Description  2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5325ARM Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5325ARM Datasheet HTML 13Page - Analog Devices AD5325ARM Datasheet HTML 14Page - Analog Devices AD5325ARM Datasheet HTML 15Page - Analog Devices AD5325ARM Datasheet HTML 16Page - Analog Devices AD5325ARM Datasheet HTML 17Page - Analog Devices AD5325ARM Datasheet HTML 18Page - Analog Devices AD5325ARM Datasheet HTML 19Page - Analog Devices AD5325ARM Datasheet HTML 20Page - Analog Devices AD5325ARM Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 17 of 24
Table 7. CLR and LDAC Bit Descriptions
Bit
Description
CLR
[0] All DAC registers and input registers are filled with 0s
on completion of the write sequence.
[1] Normal operation.
LDAC
[0] All four DAC registers and, therefore, all DAC outputs,
are simultaneously updated on completion of the write
sequence.
[1] Only addressed input register is updated. There is no
change in the contents of the DAC registers.
DEFAULT READBACK CONDITION
All pointer byte bits power up to 0. Therefore, if the user
initiates a readback without writing to the pointer byte first, no
single DAC channel has been specified. In this case, the default
readback bits are all 0, except for the CLR bit, which is a 1.
MULTIPLE-DAC WRITE SEQUENCE
Because there are individual bits in the pointer byte for each
DAC, it is possible to simultaneously write the same data and
control bits to 2, 3, or 4 DACs by setting the relevant bits to 1.
MULTIPLE-DAC READBACK SEQUENCE
If the user attempts to read back data from more than one DAC
at a time, the part reads back the default, power-on reset
conditions, that is, all 0s except for CLR, which is 1.
WRITE OPERATION
When writing to the AD5305/AD5315/AD5325 DACs, the user
must begin with an address byte (R/W = 0), after which the DAC
acknowledges that it is prepared to receive data by pulling SDA
low. This address byte is followed by the pointer byte, which is
also acknowledged by the DAC. Two bytes of data are then written
to the DAC, as shown in Figure 33. A stop condition follows.
READ OPERATION
When reading data back from the AD5305/AD5315/AD5325
DACs, the user begins with an address byte (R/W = 0), after
which the DAC acknowledges that it is prepared to receive data
by pulling SDA low. This address byte is usually followed by the
pointer byte, which is also acknowledged by the DAC. Following
this, there is a repeated start condition by the master and the
address is resent with R/W = 1. This is acknowledged by the
DAC indicating that it is prepared to transmit data. Two bytes
of data are then read from the DAC, as shown in Figure 34. A
stop condition follows.
However, if the master sends an ACK and continues clocking
SCL (no STOP is sent), the DAC retransmits the same two bytes
of data on SDA. This allows continuous readback of data from
the selected DAC register.
Alternatively, the user can send a start followed by the address
with R/W = 1. In this case, the previously loaded pointer settings
are used and readback of data can commence immediately.
ADDRESS BYTE
SCL
SDA
SCL
SDA
POINTER BYTE
LEAST SIGNIFICANT DATA BYTE
ACK
BY
AD53x5
MOST SIGNIFICANT DATA BYTE
MSB
LSB
MSB
LSB
STOP
COND
BY
MASTER
ACK
BY
AD53x5
ACK
BY
AD53x5
START
COND
BY
MASTER
ACK
BY
AD53x5
MSB
LSB
0
0
0
1
1
0
A0
R/W
X
X
Figure 33. Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com