Electronic Components Datasheet Search
  English  ▼

X  

P302AB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P302AB
Description  Multiple Density Solder Eyelet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P302AB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P302AB Datasheet HTML 1Page - List of Unclassifed Manufacturers P302AB Datasheet HTML 2Page - List of Unclassifed Manufacturers P302AB Datasheet HTML 3Page - List of Unclassifed Manufacturers P302AB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2-38
DURA-CON®
High Reliability
All-Plastic
2
Call Toll Free: 1 (800) 323-9612
Jones
Plugs/Sockets
Series 300
Multiple Density
Solder Eyelet
Mounting Dimensions
AB
C
D
Reference
in
mm
in
mm
in
mm
in
mm
303
.453
11.51
1.016
25.81
.750
19.05
-
-
304
.719
18.26
.781
19.84
1.000
25.40
-
-
306
.719
18.26
1.031
26.19
1.000
25.40
-
-
308
.719
18.26
1.281
32.54
1.000
25.40
-
-
310
.719
18.26
1.578
40.08
1.000
25.40
-
-
312
.953
24.21
1.266
32.16
1.250
31.75
-
-
315-12
.953
24.21
1.516
38.51
1.250
31.75
-
-
315
1.016
25.81
1.641
41.68
1.375
34.93
-
-
318
1.016
25.81
1.953
49.61
1.375
34.93
.625
15.88
321
1.016
25.81
2.266
57.56
1.375
34.93
.469
11.91
324
1.016
25.81
2.578
65.48
1.375
34.93
.625
15.88
327
1.016
25.81
2.891
73.43
1.375
34.93
.781
19.84
330
1.016
25.81
3.203
81.36
1.375
34.93
.938
23.83
333
1.016
25.81
3.516
89.31
1.375
34.93
1.094
27.79
NOTE: For 300 Series 2 through 33 contact angle bracket connectors. All mounting holes are .156" (3.96mm) dia. Maximum chassis
thickness is .063" (1.59mm) for bottom mounting. Mounting holes are located on center line unless otherwise shown.
Marketed exclusively through distribution.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com