Electronic Components Datasheet Search
  English  ▼

X  

PC910L0NSZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC910L0NSZ
Description  High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910L0NSZ Datasheet(HTML) 1 Page - Sharp Corporation

  PC910L0NSZ Datasheet HTML 1Page - Sharp Corporation PC910L0NSZ Datasheet HTML 2Page - Sharp Corporation PC910L0NSZ Datasheet HTML 3Page - Sharp Corporation PC910L0NSZ Datasheet HTML 4Page - Sharp Corporation PC910L0NSZ Datasheet HTML 5Page - Sharp Corporation PC910L0NSZ Datasheet HTML 6Page - Sharp Corporation PC910L0NSZ Datasheet HTML 7Page - Sharp Corporation PC910L0NSZ Datasheet HTML 8Page - Sharp Corporation PC910L0NSZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PC910L0NSZ
Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC910L)
2. Approved by VDE (VDE0884) (as an option), file No.
87446 (as model No. PC910L)
3. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. High speed interfaces for computer peripherals
2. Programmable controllers
3. Inverter
■ Applications
High Speed 10Mb/s, High CMR
DIP 8 pin ∗OPIC
Photocoupler
1. DIP 8 pin package
2. Double transfer mold package
(Ideal for Flow Soldering)
3. High speed response
(tPHL : TYP. 48 ns, tPLH : TYP. 50 ns)
4. Low input current drive (IFHL : MAX. 5 mA)
5. Instantaneous common mode rejection voltage
(CMH : MIN.10 kV/
µs, CML : MIN. −10 kV/µs)
6. TTL and LSTTL compatible output
7. High isolation voltage between input and output
(Viso(rms) : 5.0 kV)
■ Description
PC910L0NSZ Series contains a LED optically cou-
pled to an OPIC chip.
It is packaged in a 8 pin DIP.
Input-output isolation voltage(rms) is 5.0kV, High
speed response (TYP. 10 Mb/s) and CMR is MIN.
10 kV/
µs.
1
Sheet No.: D2-A05601EN
Date Nov. 28. 2003
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC910L0NSZ Series
∗ "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-processing
circuit integrated onto a single chip.


Similar Part No. - PC910L0NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC910L0NSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
High Speed and High CMR OPIC Photocoupler
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com