Electronic Components Datasheet Search
  English  ▼

X  

82C54 Datasheet(PDF) 4 Page - Intel Corporation

Part # 82C54
Description  CHMOS PROGRAMMABLE INTERVAL TIMER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C54 Datasheet(HTML) 4 Page - Intel Corporation

  82C54 Datasheet HTML 1Page - Intel Corporation 82C54 Datasheet HTML 2Page - Intel Corporation 82C54 Datasheet HTML 3Page - Intel Corporation 82C54 Datasheet HTML 4Page - Intel Corporation 82C54 Datasheet HTML 5Page - Intel Corporation 82C54 Datasheet HTML 6Page - Intel Corporation 82C54 Datasheet HTML 7Page - Intel Corporation 82C54 Datasheet HTML 8Page - Intel Corporation 82C54 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
82C54
231244 – 6
Figure 5 Internal Block Diagram of a Counter
The status register shown in the Figure when
latched contains the current contents of the Control
Word Register and status of the output and null
count flag (See detailed explanation of the Read-
Back command)
The actual counter is labelled CE (for ‘‘Counting Ele-
ment’’) It is a 16-bit presettable synchronous down
counter
OLM and OLL are two 8-bit latches OL stands for
‘‘Output Latch’’ the subscripts M and L stand for
‘‘Most significant byte’’ and ‘‘Least significant byte’’
respectively Both are normally referred to as one
unit and called just OL These latches normally ‘‘fol-
low’’ the CE but if a suitable Counter Latch Com-
mand is sent to the 82C54 the latches ‘‘latch’’ the
present count until read by the CPU and then return
to ‘‘following’’ the CE One latch at a time is enabled
by the counter’s Control Logic to drive the internal
bus This is how the 16-bit Counter communicates
over the 8-bit internal bus Note that the CE itself
cannot be read whenever you read the count it is
the OL that is being read
Similarly there are two 8-bit registers called CRM
and CRL (for ‘‘Count Register’’) Both are normally
referred to as one unit and called just CR When a
new count is written to the Counter the count is
stored in the CR and later transferred to the CE The
Control Logic allows one register at a time to be
loaded from the internal bus Both bytes are trans-
ferred to the CE simultaneously CRM and CRL are
cleared when the Counter is programmed In this
way if the Counter has been programmed for one
byte counts (either most significant byte only or least
significant byte only) the other byte will be zero
Note that the CE cannot be written into whenever a
count is written it is written into the CR
The Control Logic is also shown in the diagram CLK
n GATE n and OUT n are all connected to the out-
side world through the Control Logic
82C54 SYSTEM INTERFACE
The 82C54 is treated by the systems software as an
array of peripheral IO ports three are counters and
the fourth is a control register for MODE program-
ming
Basically the select inputs A0 A1 connect to the A0
A1 address bus signals of the CPU The CS can be
derived directly from the address bus using a linear
select method Or it can be connected to the output
of a decoder such as an Intel 8205 for larger sys-
tems
231244 – 7
Figure 6 82C54 System Interface
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com