Electronic Components Datasheet Search
  English  ▼

X  

83C196LC Datasheet(PDF) 17 Page - Intel Corporation

Part # 83C196LC
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C196LC Datasheet(HTML) 17 Page - Intel Corporation

Back Button 83C196LC Datasheet HTML 13Page - Intel Corporation 83C196LC Datasheet HTML 14Page - Intel Corporation 83C196LC Datasheet HTML 15Page - Intel Corporation 83C196LC Datasheet HTML 16Page - Intel Corporation 83C196LC Datasheet HTML 17Page - Intel Corporation 83C196LC Datasheet HTML 18Page - Intel Corporation 83C196LC Datasheet HTML 19Page - Intel Corporation 83C196LC Datasheet HTML 20Page - Intel Corporation 83C196LC Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ADVANCE INFORMATION
17
AUTOMOTIVE — 83C196LC, 83C196LD
5.3
AC Characteristics — Serial Port, Shift Register Mode
Test Conditions: T
A = –40°C to +125°C; VCC = 5.0V ± 10%; VSS = 0.0V; Load Capacitance = 100 pF
Figure 5. Serial Port Waveform — Shift Register Mode
Table 9. Serial Port Timing — Shift Register Mode
Symbol
Parameter
Min
Max
Units
T
XLXL
Serial port clock period
8 T
XTAL
1
ns
T
XLXH
Serial port clock falling edge to rising edge
4 T
XTAL
1 – 50
4 T
XTAL
1 + 50
ns
T
QVXH
Output data setup to clock high
3 T
XTAL
1
ns
T
XHQX
Output data hold after clock high
2 T
XTAL
1 – 50
ns
T
XHQV
Next output data valid after clock high
2 T
XTAL
1 + 50
ns
T
DVXH
Input data setup to clock high
2 T
XTAL
1 + 200
ns
T
XHDX
†
Input data hold after clock high
0
ns
T
XHQZ
†
Last clock high to output float
5 T
XTAL
1
ns
† Parameter not tested.
A2080-03
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
RXD
x
(In)
TXD
x
01
2
3
4
5
6
7
TQVXH
TXLXL
TDVXH
TXHQV
TXHQZ
TXHDX
TXHQX
TXLXH
RXD
x
(Out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com