Electronic Components Datasheet Search
  English  ▼

X  

S80L186EB8 Datasheet(PDF) 2 Page - Intel Corporation

Part # S80L186EB8
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80L186EB8 Datasheet(HTML) 2 Page - Intel Corporation

  S80L186EB8 Datasheet HTML 1Page - Intel Corporation S80L186EB8 Datasheet HTML 2Page - Intel Corporation S80L186EB8 Datasheet HTML 3Page - Intel Corporation S80L186EB8 Datasheet HTML 4Page - Intel Corporation S80L186EB8 Datasheet HTML 5Page - Intel Corporation S80L186EB8 Datasheet HTML 6Page - Intel Corporation S80L186EB8 Datasheet HTML 7Page - Intel Corporation S80L186EB8 Datasheet HTML 8Page - Intel Corporation S80L186EB8 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
80C186EB80C188EB and 80L186EB80L188EB
16-Bit High-Integration Embedded Processors
CONTENTS
PAGE
INTRODUCTION
4
CORE ARCHITECTURE
4
Bus Interface Unit
4
Clock Generator
4
80C186EC PERIPHERAL
ARCHITECTURE
5
Interrupt Control Unit
5
TimerCounter Unit
5
Serial Communications Unit
7
Chip-Select Unit
7
IO Port Unit
7
Refresh Control Unit
7
Power Management Unit
7
80C187 Interface (80C186EB Only)
7
ONCE Test Mode
7
PACKAGE INFORMATION
8
Prefix Identification
8
Pin Descriptions
8
80C186EB PINOUT
14
PACKAGE THERMAL
SPECIFICATIONS
22
ELECTRICAL SPECIFICATIONS
23
Absolute Maximum Ratings
23
CONTENTS
PAGE
Recommended Connections
23
DC SPECIFICATIONS
24
ICC versus Frequency and Voltage
27
PDTMR Pin Delay Calculation
27
AC SPECIFICATIONS
28
AC Characteristics80C186EB25
28
AC Characteristics80C186EB2013
30
AC Characteristics80L186EB16
32
Relative Timings
36
Serial Port Mode 0 Timings
37
AC TEST CONDITIONS
38
AC TIMING WAVEFORMS
38
DERATING CURVES
41
RESET
42
BUS CYCLE WAVEFORMS
45
EXECUTION TIMINGS
52
INSTRUCTION SET SUMMARY
53
ERRATA
59
REVISION HISTORY
59
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com