Electronic Components Datasheet Search
  English  ▼

X  

AS80196CB Datasheet(PDF) 30 Page - Intel Corporation

Part # AS80196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS80196CB Datasheet(HTML) 30 Page - Intel Corporation

Back Button AS80196CB Datasheet HTML 25Page - Intel Corporation AS80196CB Datasheet HTML 26Page - Intel Corporation AS80196CB Datasheet HTML 27Page - Intel Corporation AS80196CB Datasheet HTML 28Page - Intel Corporation AS80196CB Datasheet HTML 29Page - Intel Corporation AS80196CB Datasheet HTML 30Page - Intel Corporation AS80196CB Datasheet HTML 31Page - Intel Corporation AS80196CB Datasheet HTML 32Page - Intel Corporation AS80196CB Datasheet HTML 33Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
87C196CA87C196CB
8-BIT MODE AD OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature
b
40
a
125
C
VCC
Digital Supply Voltage
450
550
V
VREF
Analog Supply Voltage
450
550
V(1)
TSAM
Sample Time
20
m
s(2)
TCONV
Conversion Time
12
15
m
s(2)
FOSC
Oscillator Frequency
40
200
MHz
NOTES
1 VREF must be within 05V of VCC
2 The value of AD
TIME is selected to meet these specifications
8-BIT MODE AD CHARACTERISTICS (Using Above Operating Conditions)(6)
Parameter
Typ (1)
Min
Max
Units
Resolution
256
256
Level
8
8
Bits
Absolute Error
0
g
10
LSBs
Full Scale Error
g
05
LSBs
Zero Offset Error
g
05
LSBs
Non-Linearity
0
g
10
LSBs
Differential Non-Linearity
b
05
a
05
LSBs
Channel-to-Channel Matching
0
g
10
LSBs
Repeatability
g
025
0
LSBs(1)
Temperature Coefficients
Offset
0003
LSBC(1)
Full Scale
0003
LSBC(1)
Differential Non-Linearity
0003
LSBC(1)
Off Isolation
b
60
dB(123)
Feedthrough
b
60
dB(12)
VCC Power Supply Rejection
b
60
dB(12)
Input Resistance
750
12K
X(4)
DC Input Leakage
g
10
0
g
15
m
A
Voltage on Analog Input Pin
ANGND b 05
VREF a 05
V(5)
Sampling Capacitor
30
pF
An ‘‘LSB’’ as used here has a value of approximately 20 mV
NOTES
1 These values are expected for most parts at 25 C but are not tested or guaranteed
2 DC to 100 KHz
3 Multiplexer break-before-make is guaranteed
4 Resistance from device pin through internal MUX to sample capacitor
5 Applying voltage beyond these specifications will degrade the accuracy of other channels being converted
6 All conversions performed with processor in IDLE mode
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com