Electronic Components Datasheet Search
  English  ▼

X  

87C51 Datasheet(PDF) 20 Page - Intel Corporation

Part # 87C51
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C51 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 87C51 Datasheet HTML 13Page - Intel Corporation 87C51 Datasheet HTML 14Page - Intel Corporation 87C51 Datasheet HTML 15Page - Intel Corporation 87C51 Datasheet HTML 16Page - Intel Corporation 87C51 Datasheet HTML 17Page - Intel Corporation 87C51 Datasheet HTML 18Page - Intel Corporation 87C51 Datasheet HTML 19Page - Intel Corporation 87C51 Datasheet HTML 20Page - Intel Corporation 87C51 Datasheet HTML 21Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
87C5180C51BH80C31BH
EPROM PROGRAMMING EPROM AND ROM VERIFICATION
CHARACTERISTICS
(TA e 21 Cto27 C VCC e 5V g10% VSS e 0V)
Symbol
Parameter
Min
Max
Units
VPP
Programming Supply Voltage
125
130
V
IPP
Programming Supply Current
75
mA
1TCLCL
Oscillator Frequency
4
6
MHz
TAVGL
Address Setup to PROG Low
48TCLCL
TGHAX
Address Hold After PROG
48TCLCL
TDVGL
Data Setup to PROG Low
48TCLCL
TGHDX
Data Hold After PROG
48TCLCL
TEHSH
P27 (ENABLE) High to VPP
48TCLCL
TSHGL
VPP Setup to PROG Low
10
m
s
TGHSL
VPP Hold After PROG
10
m
s
TGLGH
PROG Width
90
110
m
s
TAVQV
Address to Data Valid
48TCLCL
TELQV
ENABLE Low to Data Valid
48TCLCL
TEHQZ
Data Float After ENABLE
0
48TCLCL
TGHGL
PROG High to PROG Low
10
m
s
EPROM PROGRAMMING EPROM AND ROM VERIFICATION WAVEFORMS
272335 – 23
For programming conditions see Figure 10
5 pulses for the EPROM array 25 pulses for the encryption table and lock bits
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com