Electronic Components Datasheet Search
  English  ▼

X  

GS6042 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS6042
Description  6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6042 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS6042 Datasheet HTML 9Page - Semtech Corporation GS6042 Datasheet HTML 10Page - Semtech Corporation GS6042 Datasheet HTML 11Page - Semtech Corporation GS6042 Datasheet HTML 12Page - Semtech Corporation GS6042 Datasheet HTML 13Page - Semtech Corporation GS6042 Datasheet HTML 14Page - Semtech Corporation GS6042 Datasheet HTML 15Page - Semtech Corporation GS6042 Datasheet HTML 16Page - Semtech Corporation GS6042 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
GS6042
Final Data Sheet
Rev. 3
PDS-060055
May 2014
13 of 21
Proprietary and Confidential
www.semtech.com
4.5 Carrier Detect, Sleep, and Auto-Sleep
The Carrier Detect output pin (CD) indicates the presence of a valid signal at the input
of the GS6042. When CD is LOW, the device has detected a valid input on SDI/SDI. When
CD is HIGH, the device considers the input invalid.
Note 1:
CD will only detect loss of signal for data rates greater than 19Mb/s.
Note 2:
If SQ_ADJ is being used to limit the maximum gain of the device, and the
maximum cable length is exceeded, the CD pin will be set to HIGH even if an input is
present.
The GS6042 also includes a SLEEP input pin, which can be used to put the device into a
low-power sleep mode. In this mode, the outputs are high impedance and will be pulled
high by the on-chip termination. Set the SLEEP pin HIGH to place the chip in this
low-power state. In this mode, the Carrier Detect output will still function to facilitate the
detection of a valid serial input data signal.
Auto-Sleep is enabled by connecting CD to SLEEP. When connected, the GS6042 will
automatically go into low-power sleep mode when there is a loss of input signal.
Note 3:
If the CD pin is connected to the SLEEP pin, SQ_ADJ must be either left open, or
connected to ground.
4.6 GAIN_SEL
The GS6042 provides the option of compensating for 6dB of flat attenuation prior to the
equalizer.
Table 4-2: CD Output
CD
Input Status
0
Valid input on SDI/SDI pins
1
Input is not valid
Table 4-3: SLEEP Input
SLEEP
Function
0
Normal operation
1
Low-power sleep mode; CD output
remains valid
Table 4-4: GAIN_SEL Input Table
GAIN_SEL
Function
0
No flat band gain is applied
1
6dB of flat band gain applied to input
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com