Electronic Components Datasheet Search
  English  ▼

X  

DFJ-20 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # DFJ-20
Description  DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DFJ-20 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  DFJ-20 Datasheet HTML 1Page - Cooper Bussmann, Inc. DFJ-20 Datasheet HTML 2Page - Cooper Bussmann, Inc. DFJ-20 Datasheet HTML 3Page - Cooper Bussmann, Inc. DFJ-20 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Drive Fuse Class J
1113
BU-SB131065
Page 3 of 4
Data Sheet # 1048
Time-Current Curves - Average Melt
DFJ — 600Vac/450Vdc, 1-600A High Speed Fuse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com