Electronic Components Datasheet Search
  English  ▼

X  

VB500 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # VB500
Description  4-Channel Vibration Meter/Datalogger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

VB500 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  VB500 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
4/29/13 - R1
Large Backlit Display
Simultaneously displays four channels
4-Channel Vibration Meter/Datalogger
Ordering Information (Available Q4, 2011):
VB500 ................4-Channel Vibration Meter/Datalogger
VB500-NIST ........VB500 with Certificate Traceable to NIST
Features:
• Selectable data sampling rate: 1, 2, 5, 10, 30, 60, 120,
300, 600, 1800, 3600 seconds
• Remote vibration sensor with magnetic adapter
on 39"(1m) cable
• Wide frequency range of 10Hz to 1kHz
• Basic accuracy of ±(5% + 2 digits)
• RMS or Peak Value measurement modes
• Datalogger date/time stamps and stores readings on
an SD card in Excel
® format for easy transfer to a PC
• Data Hold freezes the reading in the display
• Auto Power off saves battery life
• Meets ISO2954 standard
• Complete with 4 remote sensors, magnetic mounts,
8 x AA batteries, 100-240V Universal AC Adaptor, SD
card, and heavy duty carrying case
Applications:
• Motors, bearings
• Fans
• Pumps
• Rotating machinery
• Plant maintenance
Specifications
A
cceleration
656ft/s
2, 200m/s2, 20.39g (peak)
Velocity
7.87in/s, 200mm/s, 19.99cm/s (peak)
Displacement
0.078in, 2mm (peak-to-peak)
Resolution
1ft/s
2, 0.1m/s2, 0.01g; 0.01in/s, 0.1mm/s, 0.01cm/s;
0.001in, 0.001mm
Basic accuracy
±(5%+2 digits)
Memory
20M data records using 2G SD card
Dimensions
8 x 3 x 1.5" (203 x 76 x 38mm)
Weight
1.13lbs (515g)


Similar Part No. - VB500

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB50X NJSEMI-VB50X Datasheet
102Kb / 1P
These rectifiers offer high voltage ranges in minimum-sized
logo
France Joint
VB50X55X4 FRANCEJOINT-VB50X55X4 Datasheet
384Kb / 5P
STANDARD SHAFT SEALS
VB50X58X4 FRANCEJOINT-VB50X58X4 Datasheet
384Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - VB500

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407850 EXTECH-407850 Datasheet
95Kb / 6P
Heavy Duty Vibration Meter
407860 EXTECH-407860 Datasheet
184Kb / 1P
Heavy Duty Vibration Meter
EA80 EXTECH-EA80 Datasheet
231Kb / 1P
Indoor Air Quality Meter/Datalogger
logo
List of Unclassifed Man...
VM110 ETC2-VM110 Datasheet
44Kb / 2P
Hand Held Vibration Meter
logo
Extech Instruments Corp...
EA80 EXTECH-EA80_15 Datasheet
188Kb / 1P
Indoor Air Quality Meter/Datalogger
SDL400 EXTECH-SDL400_15 Datasheet
147Kb / 1P
Light Meter/Datalogger
SDL550 EXTECH-SDL550 Datasheet
171Kb / 1P
Humidity Content Meter/Datalogger
407860 EXTECH-407860_15 Datasheet
344Kb / 1P
Heavy Duty Vibration Meter
VB400 EXTECH-VB400 Datasheet
500Kb / 1P
Pen Vibration Meter
logo
Fluke Corporation
FLUKE-805 FLUKE-FLUKE-805 Datasheet
2Mb / 4P
Fluke 805 Vibration Meter
4/2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com