Electronic Components Datasheet Search
  English  ▼

X  

PL75-29 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL75-29
Description  PL75/T/U/V/W/X/Y/Z/S/BR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL75-29 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL75-29 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14949
A
SIZE CAGE CODE
DRAWING NO.
REV.
TITLE:
SCALE
DATE
SHEET
FINISH:
DO NOT SCALE DWG
INTERPRET DRAWING PER
MIL-STD-100.
DIMENSIONS ARE IN INCHES
AND INCLUDE FINISH
THICKNESS
UNLESS OTHERWISE SPECIFIED.
DRN
CHK
APPROVED
PRO/E FILE NO.
REVISIONS
REV
DESCRIPTIONS
DATE
APPROVED
DATA CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO EMERSON CONNECTIVITY SOLUTIONS AND SHALL NOT
BE DISCLOSED, COPIED OR USED FOR PROCUMENT OR
MANUFACTURE WITHOUT EXPRESS WRITTEN PERMISSION
MATERIAL:
NOTES: UNLESS OTHERWISE SPECIFIED.
QUALITY
MANUF
2.00 MAX
"A" .030
.44
MIN
1.846 .125
"B"
"B"
"A" .030
.44
MIN
F
G
H
2.00 MAX
310-0002
1/1
1-12-66
310-0002
TABLE 1
DASH
NO
CABLES
ACCOMMODATED
A
DIM
B
DIM
C
FLATS
D
FLATS
E
DIA
CABLE
ENTRY DIA
ASSEMBLE
PER
CABLE
TYPE
-7
TRC-50-2, M17/134-00001
TRC-75-2
1.135 .096 .438 .438 .500
.274
TAI-189 TRIAX
-8
8227, BELDEN
1.716 .130 .625 .688 .750
.345
TAI-103
TWINAX
-9
TWC-78-2
TWC-124-2, M17/45-RG 308
BL782, TIMES
BL982, TIMES
BL1242, TIMES
1.135
.096 .438
.438 .500
.285
TAI-102
-A9
3
3
-10 RG-22
754E, AT&T
1.716
.130 .625 .688 .750
.455
TAI-103
-11 760A, AT&T
.345
-12
T
&T
A
,
L
V
E
P
6
1
V1-AL, GENERAL
.485
TAI-128
-13 TRF-59, TIMES
.362
TAI-129
TRIAX
-13A 8232, BELDEN
.352
TAI-165
-14 8233, BELDEN
.510
TAI-129
-23 250-3884, MICRODOT
1.135 .096 .438 .438 .500
.183
TAI-189
-24 202-3934, MICRODOT
.191
TAI-102 TWINAX
-24A 9530A5117, RAYCHEM
.200
TAI-189 TRIAX
-25 T-43M, GENERAL
.285
TAI-102 TWINAX
-25A 5021H5331, RAYCHEM
TAI-189 TRIAX
-26 7028A5518, RAYCHEM
.183
-27
T19TPSJ2619EN, WOVEN
202-3927, MICRODOT
202-3942, MICRODOT
.145
TAI-102 TWINAX
-29 TWC-78-1/TWC-124-1A
.191
-30 761A, AT&T
8441, BELDEN
.235
-32 TRC-50-1
.191
TAI-189 TRIAX
-33 TRC-75-1
.217
-42 21-204, ESSEX
4463, CONSOLIDATED
.300
-43 250-4044/250-4045
293-3930, MICRODOT
.200
-45 M27500-22TE2T14
1100-66F, STANDARD
.183
TAI-102
TWINAX
-46 9860, BELDEN
1.716 .130 .625 .688 .750
.475
TAI-103
-47 M17/176-00002
1.135 .096 .438 .438 .500
.164
TAI-102
-49 TWAC-78-1F2
.132
-54 89207, BELDEN
1.716 .130 .625 .688 .750
.323
TAI-103
-55 89272, BELDEN
1.135 .096 .438 .438 .500
.250
TAI-102
-56 GC875GCI, GRUMMAN
.191
TAI-189 TRIAX
-57 GC875GB1, GRUMMAN
-58 GC875TM24H, GRUMMAN
.198
TAI-102 QUADRAX
-59 GC875LN1, GRUMMAN
TAI-189 TRIAX
-60 M17/177-00002, THERMATICS
380-10045, BOEING
.217
-64 7528A5314, RAYCHEM
.183
TABLE 3
KEYING
LETTER
F
DEGREES
G
DEGREES
H
DEGREES
COLOR
BAND
NONE
120
120
120
NONE
T
100
150
110
RED
U
120
130
110
ORANGE
V
115
130
115
YELLOW
W
125
110
125
GREEN
X
130
100
130
BLUE
Y
110
140
110
VIOLET
Z
100
160
100
GRAY
S
135
135
90
WHITE
PL75/T/U/V/W/
X/Y/Z/S/BR
310-0002 BS
1/1
1 OF 2
LM
4/1/09
M.JOHNSON
3-18-09
310-0002
ECO 52461
BS
6/18/10 C.MONAHAN
SURFACE AREA
N/A
BLANK LENGTH
(REF. ONLY)
N/A
5. EXAMPLE OF COMPLETE MODEL NO:
PL75 T -9 BR 4
BASIC MODEL NO
BEND RELIEF
(OMIT IF NOT REQD)
POLARIZATION LETTER
DASH NO
NONE REQD FOR STD
(CABLE GROUP, SEE TABLE 1)
POLARIZATION (SEE TABLE 3)
4
IF BEND RELIEF SPRING REQUIRED (SEE FIG 1) ADD
SUFFIX "BR" TO MODEL NUMBER (NOT AVAILABLE WITH CABLE
GROUPS -8, -10, -11, -12, -13, -13A, -14, -46,
& -54)
3
CLAMP NUT OMITTED
2. CONCENTRIC TWINAX/TRIAX 3-LUG TRB CABLE PLUG
SCALE 1/2
FIG 1
PL75-9BR SHOWN
FIG 2
PL75-9 SHOWN
4
"D" WRENCH FLATS
COLOR BAND
.593 MAX
INTERFACE PER
MIL-STD-348
FIG 201-1
"E"
"D' WRENCH FLATS
COLOR BAND
.593 MAX
.XX
.02
.XXX
.010
ANGLE
1
1. PLATING:
PER TFS-1 OR -U
FOR UNPLATED
310-0002-XX


Similar Part No. - PL75-29

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PL75-47 EMERSON-NETWORKPOWER-PL75-47 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
logo
List of Unclassifed Man...
PL75-47 ETC-PL75-47 Datasheet
2Mb / 141P
RF interconnect products
logo
Emerson Network Power
PL75-47 EMERSON-NETWORKPOWER-PL75-47 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
PL75-60 EMERSON-NETWORKPOWER-PL75-60 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
logo
List of Unclassifed Man...
PL75-60 ETC-PL75-60 Datasheet
2Mb / 141P
RF interconnect products
More results

Similar Description - PL75-29

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-502382-001 MOLEX5-SD-502382-001 Datasheet
359Kb / 4P
1.25 W/B CONN. SINGLE S/T REC. ASS`Y 2-7CKT
logo
E-Tech Electronics LTD
GL5672 ETL-GL5672 Datasheet
165Kb / 2P
N P N L O W F R E Q U E N C Y T R A N S I S T O R
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Winchester Electronics ...
JTCU605 WINCHESTER-JTCU605 Datasheet
409Kb / 1P
OUTLINE LONG TURNING JACK ASSEMBLY TYPE W, U, X AND Z
logo
Powerbox
PBIC POWERBOX-PBIC Datasheet
966Kb / 4P
1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
PB251A-CM POWERBOX-PB251A-CM Datasheet
263Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PBI2H POWERBOX-PBI2H Datasheet
290Kb / 2P
1 5 - 5 0 W A T T S D C / D C S I N G L E O U T P U T
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
PB251A-RM POWERBOX-PB251A-RM Datasheet
445Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
logo
List of Unclassifed Man...
60492 ETC1-60492 Datasheet
5Mb / 2P
L I G H T W E I G H T & H E AV Y D U T Y K N E E PA D S L E E V E S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com