Electronic Components Datasheet Search
  English  ▼

X  

N80C196KB Datasheet(PDF) 21 Page - Intel Corporation

Part # N80C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N80C196KB Datasheet(HTML) 21 Page - Intel Corporation

Back Button N80C196KB Datasheet HTML 14Page - Intel Corporation N80C196KB Datasheet HTML 15Page - Intel Corporation N80C196KB Datasheet HTML 16Page - Intel Corporation N80C196KB Datasheet HTML 17Page - Intel Corporation N80C196KB Datasheet HTML 18Page - Intel Corporation N80C196KB Datasheet HTML 19Page - Intel Corporation N80C196KB Datasheet HTML 20Page - Intel Corporation N80C196KB Datasheet HTML 21Page - Intel Corporation N80C196KB Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
8XC196KB8XC196KB16
FUNCTIONAL DEVIATIONS
Devices marked with an ‘‘E’’ ‘‘F’’ or ‘‘G’’ have the
following errata
1 Missed Interrupt on P07 EXTINT
Interrupts occurring on P07 could be missed since
the INT
PEND EXTINT bit may not be set See
techbit MC0893
2 HSI
MODE Divide-by-Eight
See Faxback
2192
REVISION HISTORY
This data sheet (270909-006) is valid for devices
with an ‘‘E’’ ‘‘F’’ or ‘‘G’’ at the end of the top side
tracking number Data sheets are changed as new
device information becomes available Verify with
your local Intel sales office that you have the latest
version before finalizing a design or ordering devic-
es
The following differences exist between this data
sheet (270909-006) and (270909-005)
1 Removed ‘‘Word Addressable Only’’ from Port 3
and 4 in Table 2
2 Removed ICC1 active mode current at 35 MHz
This specification is not longer required
3 Removed TLLYV and TLLGV from waveform dia-
grams
4 The HSI errata and CMPL with R0 were removed
as this is now considered normal operation
5 The HSI
MODE divide-by-eight errata was add-
ed to the known errata section
The following differences exist between this data
sheet (270909-005) and (270909-004)
1 ITL MAX was b650 mA (270909-004) Now ITL
MAX is b800 mA (270909-005)
2 IIL2 was named IIL1 (270909-004) Now IIL2 is
correctly named (270909-005)
3 IIL1 was omitted (270909-004) IIL1 MAX was
added IIL1 MAX is b850 mA (270909-005)
4 TLLYV and TLLGV (270909-004) were removed
These timings are not required in high-speed sys-
tem designs
5 An errata was added to the known errata section
There is a possibility to miss an external interrupt
on P07 EXTINT
The following differences exist between this data
sheet (270909-004) and (270909-003)
1 The
ROM
(80C196KB)
and
ROMless
(83C196KB) were combined with this data sheet
resulting in no specification differences
2 The description of the prescalar bit for the AD
has been enhanced
3 THAHBVMIN was b15 ns (270909-003) Now
THAHBVMIN is b20 ns (270909-004)
4 TXHQZMAX was 1 TOSC (270909-003) Now
TXHQZMAX is 2 TOSC (270909-004) This should
have no impact on designs using synchronous
serial mode 0
5 The change indicators for the 80C196KB are
‘‘E’’ ‘‘F’’ and ‘‘G’’ Previously there was only one
change indicator ‘‘E’’ The change indicator is
used for tracking purposes The change indicator
is the last character in the FPO number The FPO
number is the second line on the top side of the
device
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com