Electronic Components Datasheet Search
  English  ▼

X  

80C198 Datasheet(PDF) 3 Page - Intel Corporation

Part # 80C198
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C198 Datasheet(HTML) 3 Page - Intel Corporation

  80C198 Datasheet HTML 1Page - Intel Corporation 80C198 Datasheet HTML 2Page - Intel Corporation 80C198 Datasheet HTML 3Page - Intel Corporation 80C198 Datasheet HTML 4Page - Intel Corporation 80C198 Datasheet HTML 5Page - Intel Corporation 80C198 Datasheet HTML 6Page - Intel Corporation 80C198 Datasheet HTML 7Page - Intel Corporation 80C198 Datasheet HTML 8Page - Intel Corporation 80C198 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
8XC198
PACKAGING
The 8XC198 is available in a 52-pin PLCC package and an 80-pin QFP package Contact your local sales
office to determine the exact ordering code for the part desired
Package Designators
N e 52-pin PLCC
S e 80-pin QFP
Thermal Characteristics
Package Type
ija
ijc
PLCC
40 CW
QFP
70 CW
4 CW
All thermal impedance data is approximate for static air conditions at 1W of power dissipation Values will
change depending on operating conditions and application See the Intel
Packaging Handbook (Order Number
240800) for a description of Intel’s thermal impedance test methodology
272034 – 2
Figure 4 52-Pin PLCC Package
NOTE
The above pinout diagram applies to the OTP (87C198) device The OTP device uses all of the programming pins shown
above The ROM (83C198) device only uses programming pins AINC PALE PMODEn and PROG The ROMless (80C198)
doesn’t use any of the programming pins
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com