Electronic Components Datasheet Search
  English  ▼

X  

87C198 Datasheet(PDF) 13 Page - Intel Corporation

Part # 87C198
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C198 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 87C198 Datasheet HTML 9Page - Intel Corporation 87C198 Datasheet HTML 10Page - Intel Corporation 87C198 Datasheet HTML 11Page - Intel Corporation 87C198 Datasheet HTML 12Page - Intel Corporation 87C198 Datasheet HTML 13Page - Intel Corporation 87C198 Datasheet HTML 14Page - Intel Corporation 87C198 Datasheet HTML 15Page - Intel Corporation 87C198 Datasheet HTML 16Page - Intel Corporation 87C198 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
8XC198
EXTERNAL CRYSTAL CONNECTIONS
272034 – 32
NOTE
Keep oscillator components close to chip and use
short direct traces to XTAL1 XTAL2 and VSS When
using crystals C1 e 20 pF C2 e 20 pF When using
ceramic resonators consult manufacturer for recom-
mended capacitor values
EXTERNAL CLOCK CONNECTIONS
272034 – 33
NOTE
Required if open collector TTL driver used Not need-
ed if CMOS driver is used
AC TESTING INPUT OUTPUT WAVEFORMS
272034 – 26
AC Testing inputs are driven at 24V for a Logic ‘‘1’’ and 045V for
a Logic ‘‘0’’ Timing measurements are made at 20V for a Logic
‘‘1’’ and 08V for a Logic ‘‘0’’
FLOAT WAVEFORMS
272034 – 27
For Timing Purposes a Port Pin is no Longer Floating when a
200 mV change from Load Voltage Occurs and Begins to Float
when a 200 mV change from the Loaded VOH VOL Level occurs
IOL IOH e g15 mA
EXPLANATION OF AC SYMBOLS
Each symbol is two pairs of letters prefixed by ‘‘T’’ for time The characters in a pair indicate a signal and its
condition respectively Symbols represent the time between the two signalcondition points
Conditions
H
- High
L
- Low
V
- Valid
X
- No Longer Valid
Z
- Floating
Signals
A
- Address
D
- DATA IN
L
- ALEADV
Q
- DATA OUT
R- RD
W- WR
X
- XTAL1
Y
- READY
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com