Electronic Components Datasheet Search
  English  ▼

X  

IN1 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # IN1
Description  SEVEN DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

IN1 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  IN1 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd IN1 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd IN1 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd IN1 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd IN1 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd IN1 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd IN1 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
双 极电路
CS2003CP
版本:
2007-11-A
无 锡华润 矽科 微电子 有限 公司
第
4 页 共 9 页
4、测试线路
开路
开路
开路
开路
开路
开路
开路
开路
开路
uA
ICEX
h
FE =
I
I
OUT
IN
IOUT
IIN
CE,
V
V
VCE
uA
IOUT
VCE
uA I
R
VR
mA
IIN(ON)
VIN
IOUT
CE
V
V
VIN(ON)
IF
F
V
V
1.
2.
3.
4.
5.
6.
7.
CE(sat)
V
VIN
IIN(OFF)
开路
开路
F
V
VIN(ON)
IIN(ON)
ICEX
CE(sat)、
VhFE
IIN(OFF)
IR
开路
PU LSE
GE NER ATO R
(注释1)
(注释2)
(注释3)
输入
VOUT
CL
R L
=15pF
输出
8. ON,
t
OFF
t
tt
tON
tOFF
rf
90%
50%
10%
10%
50%
90%
50%
50%
输入
输出
VIH
0
VOH
VOL
ULN2003AN/ADR
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com