Electronic Components Datasheet Search
  English  ▼

X  

IN4 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # IN4
Description  SEVEN DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

IN4 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  IN4 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd IN4 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd IN4 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd IN4 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd IN4 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd IN4 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd IN4 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
双极电路
CS2003CP
七通道达林顿管驱动电路
版本:
2007-11-A
无 锡华润 矽科 微电子 有限 公司
第
1 页 共 9 页
1、概述
CS2003CP 是一块高压、大电流的达林顿管阵列驱动电路,内含七组 NPN 型达林顿管。
各组达林顿管发射极均连接在一起,集电极开路输出。主要应用于驱动继电器、电铃锤、
照明设备及
LED 显示等系统。其特点如下:
● 单个通道灌电流最大可达 500mA
● 连续输出高电压最小可达 50V
● 在 5V 工作条件下,输出端可 TTL、CMOS 直接相连
● 输出端集成钳位二极管
● 封装形式:DIP16 / SOP16
2、功能框图与引脚说明
2. 1、功能框图
12
34
5
6
7
8
9
10
11
12
13
14
15
16
2. 2、引脚说明
引脚
符
号
功
能
引脚
符
号
功
能
1
IN1
输入
1
9
COM
公共端
2
IN2
输入
2
10
OUT7
输出
7
3
IN3
输入
3
11
OUT6
输出
6
4
IN4
输入
4
12
OUT5
输出
5
5
IN5
输入
5
13
OUT4
输出
4
6
IN6
输入
6
14
OUT3
输出
3
7
IN7
输入
7
15
OUT2
输出
2
8
GND
地
16
OUT1
输出
1
TIGER ELECTRONIC CO.,LTD
SEVEN DARLINGTON ARRAYS
ULN2003AN/ADR
ULN2003AN/ADR
ULN2003AN/ADR
7


Similar Part No. - IN4

ManufacturerPart #DatasheetDescription
logo
SICK AG
IN40-A2121N SICK-IN40-A2121N Datasheet
379Kb / 4P
Y- and T-connectors
2024-03-19 13:58:53
IN40-D0101K SICK-IN40-D0101K Datasheet
284Kb / 6P
NON-CONTACT SAFETY SWITCHES
IN40-D0202K SICK-IN40-D0202K Datasheet
383Kb / 5P
NON-CONTACT SAFETY SWITCHES
IN40-D0303K SICK-IN40-D0303K Datasheet
348Kb / 5P
NON-CONTACT SAFETY SWITCHES
IN40-D0304K SICK-IN40-D0304K Datasheet
359Kb / 5P
NON-CONTACT SAFETY SWITCHES
More results

Similar Description - IN4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
ULN2001A-ULN2002A STMICROELECTRONICS-ULN2001A-ULN2002A Datasheet
62Kb / 8P
SEVEN DARLINGTON ARRAYS
Sep-1998
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULN200X STMICROELECTRONICS-ULN200X Datasheet
75Kb / 8P
SEVEN DARLINGTON ARRAYS
Dec-1997
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
logo
Tiger Electronic Co.,Lt...
ULN2003 TGS-ULN2003 Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN_19 Datasheet
686Kb / 8P
SEVEN DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com