Electronic Components Datasheet Search
  English  ▼

X  

IN7 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # IN7
Description  SEVEN DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

IN7 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  IN7 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd IN7 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd IN7 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd IN7 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd IN7 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd IN7 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd IN7 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
双 极电路
CS2003CP
版本:
2007-11-A
无 锡华润 矽科 微电子 有限 公司
第
5 页 共 9 页
注释
1:脉冲宽度为 50us,占空比 10%,输出阻抗 50Ω,tr≤5ns,tf≤10ns。
注释
2:电阻为 0,输入电压为 3V。
注释
3:CL 包括探针及夹具上的电容
5、特性曲线
(DIP16)
Ta=25℃
500
400
300
200
100
0
020
60
40
80
占空比(%)
100
n=1
2
3
4
5
6
7
Iout-占空比
n为通道
(DIP16)
Ta=85℃
500
400
300
200
100
0
020
60
40
80
占空比(%)
100
n=1
2
3
4
5
6
7
Iout-占空比
n为通道
Ta=25℃
0
203040
10
12
8
4
0
输入电压 Vin (V)
24
5
3
输入电压 Vin (V)
Iout=100mA
200mA
300mA
2
1
0
Max
Typ
Min
0
0.5
1.0
1.5
2.0
0
200
400
Iin-Vin
Iin-Vin
Iout-Vce(sat)
600
25℃Max
Typ
Vce=2V
400
300
200
100
0
0
100
300
200
400
500
Iout-Iin
600
输入电流 Iin (uA)
饱和压降 Vce(sat) (V)
Ta=75℃
25℃
-30℃
推荐极限参数
ULN2003AN/ADR
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com