Electronic Components Datasheet Search
  English  ▼

X  

US2G Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # US2G
Description  SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

US2G Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  US2G Datasheet HTML 1Page - Bruckewell Technology LTD US2G Datasheet HTML 2Page - Bruckewell Technology LTD US2G Datasheet HTML 3Page - Bruckewell Technology LTD US2G Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US2A-M
SURFACE MOUNT ULTRAFAST
EFFICIENT RECTIFIER
Publication Order Number: [US2A-M]
© Bruckewell Technology Corporation Rev. A -2014
Ratings at 25°C ambient temperature unless otherwise specified
US2A
US2B
US2D
US2G
US2J
US2K
US2M
UNITS
Maximum instantaneous forward voltage
at IFM=2.0A
VF
1.0
1.7
V
Maximum DC reverse current
TJ=25°C
At rated DC blocking voltage
TA=100°C
IR
10
50
uA
Maximum reverse recovery time
Trr
50
75
nS
Typical junction capacitance
Cj
17
15
pF
Maximum thermal resistance
RθJA
35
°C/W
RθJL
27
°C/W
Storage temperature range
TSTG
-55 to +150
°C
NOTE:1.Pulse test: Pulse width 300us, duty cycle 1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com