| Electronic Components Datasheet Search |
|
CBF-35 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CBF-35 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 5 page ![]() Automotive Circuit Breakers For product information and Data Sheets, visit www.cooperbussmann.com 13 December 11, 2008 Consumer Aftermarket Catalog Part No. (Amps) CB123-10HB CB123-15HB CB123-20HB CB123-30HB CB123-40HB CB123-50HB Part No. (Amps) CB123-10B CB123-15B CB123-20B CB123-30B CB123-40B CB123-50B Part No. Blister Tri-Lingual (Amps) Pack Blister CBC-8B CBC-10B CBC-15B CBC-20B X CBC-25B X CBC-30B X X CBC-35B X CBC-40B X CBC-50B X CB123-B Type III 10-32 Stud-Mount Circuit Breakers with Crosswise Bracket and Cover CB123-HB Type III 10-32 Stud-Mount Circuit Breakers with Lengthwise Bracket and Cover CBC Type I 10-32 Stud-Mount Circuit Breakers CBC-B Type I 10-32 Stud-Mount Circuit Breakers with Crosswise Bracket Heavy-Duty Breakers Used in many heavy-duty and truck applications. Use ring terminals to connect breaker into circuit. CBS are standard-duty and CBC are heavy-duty type breakers. Cooper Bussmann stud-type circuit breakers feature our patented fail-safe technology, and are available in styles: without bracket; with mounting bracket; waterproof, with mounting bracket and with combination blade and stud terminals. Complies with SAE standard J553. Part No. (Amps) CB1911-10 CB1911-15 CB1911-20 CB1911-25 CB1911-30 CB1911-35 CB1911-40 CB1911-50 Part No. (Amps) CB1921-10 CB1921-15 CB1921-20 CB1921-25 CB1921-30 CB1911 Type I MAX Footprint Circuit Breakers CB1921 Type II MAX Footprint Circuit Breakers Part No. (Amps) Blister Pack CBF-6 CBF-10 X CBF-15 X CBF-20 X CBF-25 X CBF-30 X CBF-35 CBF-40 X Glass Tube Breakers CBF Type II Circuit Breakers For Use In Glass Tube Fuse Holders and Blocks CBF circuit breakers can be used to replace glass fuses in 1/4”x 11/4” small dimension fuse blocks. Maxi Breakers Identical in size to Maxi-style fuses. The only breakers on the market to match the Maxi's footprint and body dimensions. Part No. (Amps) CBC-8 CBC-10 CBC-15 CBC-20 CBC-25 CBC-30 CBC-35 CBC-40 CBC-50 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |