Electronic Components Datasheet Search
  English  ▼

X  

8XC51 Datasheet(PDF) 13 Page - Intel Corporation

Part # 8XC51
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC51 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 8XC51 Datasheet HTML 9Page - Intel Corporation 8XC51 Datasheet HTML 10Page - Intel Corporation 8XC51 Datasheet HTML 11Page - Intel Corporation 8XC51 Datasheet HTML 12Page - Intel Corporation 8XC51 Datasheet HTML 13Page - Intel Corporation 8XC51 Datasheet HTML 14Page - Intel Corporation 8XC51 Datasheet HTML 15Page - Intel Corporation 8XC51 Datasheet HTML 16Page - Intel Corporation 8XC51 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
8XC51GB
SERIAL PORT TIMINGSHIFT REGISTER MODE
Test Conditions Over Operating Conditions Load Capacitance e 80 pF
Symbol
Parameter
12 MHz
Variable
Units
Oscillator
Oscillator
Min
Max
Min
Max
TXLXL
Serial Port Clock
1
12TCLCL
m
s
Cycle Time
TQVXH
Output Data Setup to
700
10TCLCL b 133
ns
Clock Rising Edge
TXHQX
Output Data Hold after
50
2TCLCL b 117
ns
Clock Rising Edge
TXHDX
Input Data Hold after
0
0
ns
Clock Rising Edge
TXHDV
Clock Rising Edge to
700
10TCLCL b 133
ns
Input Data Valid
SHIFT REGISTER MODE TIMING WAVEFORMS
272337 – 14
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TCLCL
Oscillator Frequency
35
16
MHz
TCHCX
High Time
20
ns
TCLCX
Low Time
20
ns
TCLCH
Rise Time
20
ns
TCHCL
Fall Time
20
ns
EXTERNAL CLOCK DRIVE WAVEFORM
272337 – 15
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com