Electronic Components Datasheet Search
  English  ▼

X  

87L52 Datasheet(PDF) 8 Page - Intel Corporation

Part # 87L52
Description  LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87L52 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 87L52 Datasheet HTML 4Page - Intel Corporation 87L52 Datasheet HTML 5Page - Intel Corporation 87L52 Datasheet HTML 6Page - Intel Corporation 87L52 Datasheet HTML 7Page - Intel Corporation 87L52 Datasheet HTML 8Page - Intel Corporation 87L52 Datasheet HTML 9Page - Intel Corporation 87L52 Datasheet HTML 10Page - Intel Corporation 87L52 Datasheet HTML 11Page - Intel Corporation 87L52 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8XL525458
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias b40 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Voltage on EAVPP Pin to VSS
0V to a130V
Voltage on Any Other Pin to VSS
b
05V to a65V
IOL per IO Pin
15 mA
Power Dissipation15W
(based on PACKAGE heat transfer limitations not
device power consumption)
NOTICE This data sheet contains information on
products in the sampling and initial production phases
of development It is valid for the devices indicated in
the revision history The specifications are subject to
change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
Commercial
0
a
70
C
Express
b
40
a
85
C
VCC
Supply Voltage
27
36
V
DC CHARACTERISTICS (Over Operating Conditions)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
08
V
(except XTAL1 RST)
VIL1
Input Low Voltage
b
05
02 VCC b 01
V
(XTAL1 RST)
VIH
Input High Voltage
20
VCC a 05
V
(Except XTAL1 RST EA)
VIH1
Input High Voltage (EA)VCC b 10
VCC a 05
V
VIH2
Input High Voltage
07 VCC
VCC a 05
V
(XTAL1 RST)
VOL
Output Low Voltage (Note 4)
04
V
IOL e 16 mA (Note 1)
(Ports 1 2 and 3)
VOL1
Output Low Voltage (Note 4)
04
V
IOL e 32 mA
(Port 0 ALEPSEN)
(Note 1)
VOH
Output High Voltage
VCC b 07
V
IOH eb30 mA
(Ports 1 2 and 3 ALE PSEN
(Note 2)
VOH1
Output High Voltage
24
V
IOH eb10 mA
(Port 0 in External Bus Mode)
(Note 2)
IIL
Logical 0 Input Current
b
50
m
AVIN e 04V
(Ports 1 2 and 3)
ILI
Input Leakage Current (Port 0)
g
10
m
A0 k VIN k VCC
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com