Electronic Components Datasheet Search
  English  ▼

X  

GD82559ER Datasheet(PDF) 21 Page - Intel Corporation

Part # GD82559ER
Description  PCI Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82559ER Datasheet(HTML) 21 Page - Intel Corporation

Back Button GD82559ER Datasheet HTML 17Page - Intel Corporation GD82559ER Datasheet HTML 18Page - Intel Corporation GD82559ER Datasheet HTML 19Page - Intel Corporation GD82559ER Datasheet HTML 20Page - Intel Corporation GD82559ER Datasheet HTML 21Page - Intel Corporation GD82559ER Datasheet HTML 22Page - Intel Corporation GD82559ER Datasheet HTML 23Page - Intel Corporation GD82559ER Datasheet HTML 24Page - Intel Corporation GD82559ER Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
Datasheet
15
Networking Silicon — GD82559ER
The figures below show CSR zero wait-state I/O read and write cycles. In the case of accessing the
Control/Status Registers, the CPU is the initiator and the 82559ER is the target of the transaction.
Read Accesses: The CPU, as the initiator, drives address lines AD[31:0], the command and byte
enable lines C/BE#[3:0] and the control lines IRDY# and FRAME#. As a slave, the 82559ER
controls the TRDY# signal and provides valid data on each data access. The 82559ER allows the
CPU to issue only one read cycle when it accesses the Control/Status Registers, generating a
disconnect by asserting the STOP# signal. The CPU can insert wait states by de-asserting IRDY#
when it is not ready.
Write Accesses: The CPU, as the initiator, drives the address lines AD[31:0], the command and
byte enable lines C/BE#[3:0] and the control lines IRDY# and FRAME#. It also provides the
82559ER with valid data on each data access immediately after asserting IRDY#. The 82559ER
Figure 2. CSR I/O Read Cycle
Figure 3. CSR I/O Write Cycle
CLK
FRAME#
C/BE#
IRDY#
TRDY#
DEVSEL#
AD
34
2
1
5678
9
ADDR
DATA
I/O RD
BE#
STOP#
CLK
FRAME#
C/BE#
IRDY#
TRDY#
DEVSEL#
AD
34
2
1
5678
9
ADDR
DATA
I/O WR
BE#
STOP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com