Electronic Components Datasheet Search
  English  ▼

X  

TLCR476M006TA Datasheet(PDF) 2 Page - AVX Corporation

Part # TLCR476M006TA
Description  Tantalum Solid Electrolytic Chip Capacitors Consumer Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLCR476M006TA Datasheet(HTML) 2 Page - AVX Corporation

  TLCR476M006TA Datasheet HTML 1Page - AVX Corporation TLCR476M006TA Datasheet HTML 2Page - AVX Corporation TLCR476M006TA Datasheet HTML 3Page - AVX Corporation TLCR476M006TA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JANUARY 2015
■ 57
TLC Series
Tantalum Solid Electrolytic Chip Capacitors
Consumer Series
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.47
µF to 220µF
Capacitance Tolerance:
±20%
Rated Voltage (VR)
-55°C
+40°C:
2
3
4
6.3
8
10
16
20
25
35
Category Voltage (VC)
at 85°C:
1
1.5
2
3.2
4
5
8
10
12.5
17.5
Category Voltage (VC)
at 125°C:
0.4
0.6
0.8
1.3
1.6
2
3.2
4
5
7
Temperature Range:
-55°C to +125°C with category voltage
Reliability:
0.2% per 1000 hours at 85°C, 0.5xVR with 0.1Ω/V series impedance with
60% confidence level
TECHNICAL SPECIFICATIONS
Capacitance
Voltage Rating DC (V
R) to 40°C
μF
Code
2.0V
3.0V
4.0V
6.3V
8V
10V
16V
20V
25V
35V
0.47
474
E
K
1.0
105
E
KL
R
2.2
225
K
K
H
R
3.3
335
L
4.7
475
K
K/U
J
6.8
685
K
K
U
10
106
K
J/K/Z
J/K/Z
U
V
R
15
156
K
K*
K
H/L
22
226
J
J
K*/U
L/U
L/M
33
336
L/U
H/L/L(4000)/U/V
L
H
47
476
L
L/R
H/L
H/R/V
D
H/R
68
686
R
R
R*
100
107
I*/R
D*/I*/R/T
R*/T
150
157
R*
R*
A*
220
227
R*
R*/T
Released Codes
Engineering samples - please contact manufacturer
*Codes under development - subject to change.
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Voltage vs Temperature Rating
100%
100%
33%
67%
50%
20%
80%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
40°C
0°C
60°C
85°C
125°C
105°C
rated range
recommended derating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com