Electronic Components Datasheet Search
  English  ▼

X  

BC337 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BC337
Description  45 V, 500 mA NPN general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC337 Datasheet(HTML) 1 Page - NXP Semiconductors

  BC337 Datasheet HTML 1Page - NXP Semiconductors BC337 Datasheet HTML 2Page - NXP Semiconductors BC337 Datasheet HTML 3Page - NXP Semiconductors BC337 Datasheet HTML 4Page - NXP Semiconductors BC337 Datasheet HTML 5Page - NXP Semiconductors BC337 Datasheet HTML 6Page - NXP Semiconductors BC337 Datasheet HTML 7Page - NXP Semiconductors BC337 Datasheet HTML 8Page - NXP Semiconductors BC337 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistors.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
High current
Low voltage
1.3 Applications
General-purpose switching and amplification
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
BC817; BC817W; BC337
45 V, 500 mA NPN general-purpose transistors
Rev. 06 — 17 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
NXP
JEITA
BC817
SOT23
-
BC807
BC817W
SOT323
SC-70
BC807W
BC337[1]
SOT54 (TO-92)
SC-43A
BC327
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base;
IC =10mA
--45
V
IC
collector current (DC)
-
-
500
mA
ICM
peak collector current
-
-
1
A
hFE
DC current gain
IC = 100 mA;
VCE =1V
[1] ---
BC817; BC817W; BC337
100
-
600
BC817-16; BC817-16W; BC337-16
100
-
250
BC817-25; BC817-25W; BC337-25
160
-
400
BC817-40; BC817-40W; BC337-40
250
-
600


Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817 NXP-BC817 Datasheet
245Kb / 19P
45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC817K NEXPERIA-BC817K Datasheet
350Kb / 24P
45 V, 500 mA NPN general-purpose transistors
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817-Q_SER NEXPERIA-BC817-Q_SER Datasheet
305Kb / 13P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
BC817K_SER NEXPERIA-BC817K_SER Datasheet
350Kb / 24P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 6 March 2018
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QBH-Q_SER NEXPERIA-BC817QBH-Q_SER Datasheet
318Kb / 13P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 25 January 2022
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QC_SER NEXPERIA-BC817QC_SER Datasheet
323Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 28 October 2020
BC817W_SER NEXPERIA-BC817W_SER Datasheet
319Kb / 13P
45 V, 500 mA NPN general-purpose transistors
Rev. 8 - 1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com