Electronic Components Datasheet Search
  English  ▼

X  

M80C86 Datasheet(PDF) 14 Page - Intel Corporation

Part # M80C86
Description  16-BIT CHMOS MICROPROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C86 Datasheet(HTML) 14 Page - Intel Corporation

Back Button M80C86 Datasheet HTML 10Page - Intel Corporation M80C86 Datasheet HTML 11Page - Intel Corporation M80C86 Datasheet HTML 12Page - Intel Corporation M80C86 Datasheet HTML 13Page - Intel Corporation M80C86 Datasheet HTML 14Page - Intel Corporation M80C86 Datasheet HTML 15Page - Intel Corporation M80C86 Datasheet HTML 16Page - Intel Corporation M80C86 Datasheet HTML 17Page - Intel Corporation M80C86 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
M80C86M80C86-2
AC CHARACTERISTICS
MAX MODE SYSTEM (USING M82C88 BUS CONTROLLER)
TIMING REQUIREMENTS
Symbol
Parameter
M80C86
M80C86-2
Units
Comments
Min
Max
Min
Max
TCLCL
CLK Cycle Period
200
DC
125
DC
ns
TCLCH
CLK Low Time
118
68
ns
TCHCL
CLK High Time
69
44
ns
TCH1CH2
CLK Rise Time
10
10
ns
From 10V to 35V
TCL2CL1
CLK Fall Time
10
10
ns
From 35V to 10V
TDVCL
Data in Setup Time
30
20
ns
TCLDX
Data in Hold Time
10
10
ns
TR1VCL
RDY Setup Time into M82C84A
35
35
ns
(Notes 1 2)
TCLR1X
RDY Hold Time into M82C84A
0
0
ns
(Notes 1 2)
TRYHCH
READY Setup Time into M80C86
118
68
ns
TCHRYX
READY Hold Time into M80C86
30
20
ns
TRYLCL
READY Inactive to
b
5
b
5ns
CLK (Note 4)
TINVCH
Setup Time for Recognition
30
15
ns
(INTR NMI TEST)
(Note 2)
TGVCH
RQ GT Setup Time
30
15
ns
TCHGX
RQ Hold Time into M80C86
40
30
ns
TILIH
Input Rise Time
15
15
ns
From 08V to 20V
(Except CLK)
TIHIL
Input Fall Time
15
15
ns
From 20V to 08V
(Except CLK)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com