Electronic Components Datasheet Search
  English  ▼

X  

M87C196KD Datasheet(PDF) 21 Page - Intel Corporation

Part # M87C196KD
Description  16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M87C196KD Datasheet(HTML) 21 Page - Intel Corporation

Back Button M87C196KD Datasheet HTML 15Page - Intel Corporation M87C196KD Datasheet HTML 16Page - Intel Corporation M87C196KD Datasheet HTML 17Page - Intel Corporation M87C196KD Datasheet HTML 18Page - Intel Corporation M87C196KD Datasheet HTML 19Page - Intel Corporation M87C196KD Datasheet HTML 20Page - Intel Corporation M87C196KD Datasheet HTML 21Page - Intel Corporation M87C196KD Datasheet HTML 22Page - Intel Corporation M87C196KD Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
M87C196KCM87C196KD
M87C196KC DESIGN INFORMATION
M87C196KC Enhanced Feature Set over the M80C196KB
1 The M87C196KC has twice the RAM of the M80C196KB and 16 Kbytes of EPROM Also a Vertical
Register Windowing Scheme allows the extra 256 bytes of RAM to be used as registers This greatly
reduces the context switching time
2 Peripheral Transaction Server (PTS) The PTS is an alternative way to service an interrupt reducing latency
and overhead Each interrupt can be mapped to its PTS channel which acts like a DMA channel Each
interrupt can now do a single or block transfer without executing an interupt service routine Special PTS
modes exist for the AD converter HSI and HSO
3 Two extra Pluse Width Modulated outputs The M87C196KC has added 2 PWM outputs that are functional-
ly compatible to the 80C196KB PWM
4 Timer2 Internal Clocking Timer2 can now be clocked with an internal source every 1 or 8 state times
5 The AD can now perform an 8- as well as a 10-bit conversion This trades off resolution for a faster
conversion time
6 Additional On-chip Memory Security Two UPROM (Uneraseable Programmable Read Only Memory) bits
can be programmed to disable the bus controller for external code and data fetches Once programmed a
UPROM bit cannot be erased By shutting off the bus controller for external fetches no one can try and
gain access to your code by executing from external memory
7 New Instructions The M87C196KC has 5 new instructions An exchange (XCHBXCHW) instruction swaps
two memory locations an Interruptable Block Move Instruction (BMOVI) a Table Indirect Jump (TIJMP)
instruction and two instructions for enabling and disabling the PTS (EPTSDPTS)
M80C196KB TO M87C196KC DESIGN
CONSIDERATIONS
1 Memory Map The M87C196KC has 512 bytes of
RAMSFRs and 16K of EPROM The extra 256
bytes of RAM will reside in locations 100H – 1FFH
and the extra 8K of EPROM will reside in loca-
tions 4000H – 5FFFH These locations are exter-
nal memory on the M80C196KB
2 EPROM programming The M87C196KC has a
different programming algorithm to support 16K
of on-board memory
3 ONCE Mode Entry The ONCE mode is entered
on the M87C196KC by driving the TXD pin low on
the rising edge of RESET The TXD pin is held
high by a pullup that is specified at 14 mA and
remain at 20V This Pullup must not be overrid-
den or the M87C196KC will enter the ONCE
mode
4 During the bus HOLD state the M87C196KC
weakly holds RD WR ALE BHE and INST in
their inactive states The 80C196KB only holds
ALE in its inactive state
5 A RESET pulse from the M87C196KC is 16
states rather than 4 states as on the 80C196KB
(ie a watchdog timer overflow) This provides a
longer RESET pulse for other devices in the sys-
tem
6 The CDE pin on the KB has become a VSS pin on
the KC to support 16 MHz operation
M87C196KC ERRATA
1 Missed EXTINT on P07
The
80C196KC20
could
possibly
miss
an
EXTINT on P07 See faxback
2049
2 HIS
MODE divide-by-eight
See Faxback
2192
3 IPD hump
See Faxback
2311
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com