Electronic Components Datasheet Search
  English  ▼

X  

BSR106WS Datasheet(PDF) 1 Page - Micro Analog systems

Part # BSR106WS
Description  1 Amp Schottky Barrier Rectifier 60 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

BSR106WS Datasheet(HTML) 1 Page - Micro Analog systems

  BSR106WS Datasheet HTML 1Page - Micro Analog systems BSR106WS Datasheet HTML 2Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BSR106WS
1 Amp Schottky
Barrier Rectifier
60 Volts
Features
•
Guard Ring Protection
•
Low Forward Voltage Drop
•
For Use in Low Voltage, High Frequency Inverters
•
High Surge Current Capability
•
Operating Temperature: -65
to +125
•
Storage Temperature: -65
to +150
•
Maximum Thermal Resistance; 500
/W Junction To Ambient
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Tc = 90
Peak Forward Surge
Current
IFSM
10A
8.3ms, half sine
0.70V
Maximum
Instantaneous
Forward Voltage
VF
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
Typical junction
capacitance
CJ
120pF
Measured at
1.0MHz , VR=4.0V
MCC
TM
Micro Commercial Components
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 2
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
SOD-323
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Maximum Ratings
Notes:
1.
Pulse Test: Pulse Width 300usec, Duty Cycle 2%
Revision: C
2013/01/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
SM/X6
60V
42V
60V
BSR106WS
IFM = 1A;
TJ = 25
(Note 1)
0.1mA
TA = 25
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - BSR106WS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
More results

Similar Description - BSR106WS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH2-20 CENTRAL-CMSH2-20 Datasheet
530Kb / 2P
SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20THRU 60 VOLTS
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
MBR6045WT MCC-MBR6045WT Datasheet
734Kb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
DLSR106 MCC-DLSR106_11 Datasheet
451Kb / 4P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
SR202 MCC-SR202_11 Datasheet
211Kb / 3P
2 Amp Schottky Barrier Rectifier 20 - 60 Volts
logo
Kersemi Electronic Co.,...
MBR6045WT KERSEMI-MBR6045WT Datasheet
1Mb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60_17 Datasheet
236Kb / 3P
10 Amp Schottky Barrier Rectifier 60 Volts
MBRD660CT MCC-MBRD660CT Datasheet
442Kb / 3P
6 Amp Schottky Barrier Rectifier 60 Volts
SS16HL MCC-SS16HL Datasheet
1Mb / 3P
1 Amp Schottky Rectifier 60 Volts
Rev.3-1-03012022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com