Electronic Components Datasheet Search
  English  ▼

X  

82C288 Datasheet(PDF) 4 Page - Intel Corporation

Part # 82C288
Description  BUS CONTROLLER FOR M80286 PROCESSORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C288 Datasheet(HTML) 4 Page - Intel Corporation

  82C288 Datasheet HTML 1Page - Intel Corporation 82C288 Datasheet HTML 2Page - Intel Corporation 82C288 Datasheet HTML 3Page - Intel Corporation 82C288 Datasheet HTML 4Page - Intel Corporation 82C288 Datasheet HTML 5Page - Intel Corporation 82C288 Datasheet HTML 6Page - Intel Corporation 82C288 Datasheet HTML 7Page - Intel Corporation 82C288 Datasheet HTML 8Page - Intel Corporation 82C288 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
M82C288
Table 1 Pin Description
(Continued)
Symbol
Type
Name and Function
INTA
O
INTERRUPT ACKNOWLEDGE
tells an interrupting device that its interrupt request
is being acknowledged This command output is active LOW The MB and CMDLY
inputs control when this output becomes active READY controls when it becomes
inactive
VCC
System Power a
5V Power Supply
GND
System Ground
0V
Table 2 Command and Control Outputs for Each Type of Bus Cycle
Type of
MIO
S1
S0
Command
DTR
ALE DEN
MCE
Bus Cycle
Activated
State
Issued
Issued
Interrupt Acknowledge
0
0
0
INTA
LOW
YES
YES
IO Read
0
0
1
IORC
LOW
YES
NO
IO Write
0
1
0
IOWC
HIGH
YES
NO
None Idle
0
1
1
None
HIGH
NO
NO
HaltShutdown
1
0
0
None
HIGH
NO
NO
Memory Read
1
0
1
MRDC
LOW
YES
NO
Memory Write
1
1
0
MWTC
HIGH
YES
NO
None Idle
1
1
1
None
HIGH
NO
NO
Operating Modes
Two types of buses are supported by the M82C288
MULTIBUS I and non-MULTIBUS I When the MB
input is strapped HIGH MULTIBUS I timing is used
In MULTIBUS I mode the M82C288 delays com-
mand and data activation to meet IEEE-796 require-
ments on address to command active and write data
to command active setup timing MULTIBUS I mode
requires at least one wait state in the bus cycle since
the command outputs are delayed
The non-
MULTIBUS I mode does not delay any outputs and
does not require wait states The MB input affects
the timing of the command and DEN outputs
Command and Control Outputs
The type of bus cycle performed by the local bus
master is encoded in the MIO S1 and S0 inputs
Different command and control outputs are activat-
ed depending on the type of bus cycle Table 2 indi-
cates the cycle decode done by the M82C288 and
the effect on command DTR ALE DEN and MCE
outputs
Bus cycles come in three forms read write and
halt Read bus cycles include memory read IO
read and interrupt acknowledge The timing of the
associated read command outputs (MRDC IORC
and INTA) control outputs (ALE DEN DTR) and
control inputs (CENAEN CENL CMDLY MB and
READY) are identical for all read bus cycles Read
cycles differ only in which command output is acti-
vated The MCE control output is only asserted dur-
ing interrupt acknowledge cycles
Write bus cycles activate different control and com-
mand outputs with different timing than read bus cy-
cles Memory write and IO write are write bus cy-
cles whose timing for command outputs (MWTC and
IOWC) control outputs (ALE DEN DTR) and con-
trol inputs (CENAEN
CENL
CMDLY
MB and
READY) are identical They differ only in which com-
mand output is activated
Halt bus cycles are different because no command
or control output is activated All control inputs are
ignored until the next bus cycle is started via S1 and
S0
Static Operation
All M82C288 circuitry is of static design Internal reg-
isters and logic are static and require no refresh as
with dynamic circuit design This eliminates the mini-
mum operating frequency restriction placed on the
HMOS M82288 The CHMOS III M82C288 can oper-
ate from DC to the appropriate upper frequency limit
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com