Electronic Components Datasheet Search
  English  ▼

X  

AD5667 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5667
Description  Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5667 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5667 Datasheet HTML 17Page - Analog Devices AD5667 Datasheet HTML 18Page - Analog Devices AD5667 Datasheet HTML 19Page - Analog Devices AD5667 Datasheet HTML 20Page - Analog Devices AD5667 Datasheet HTML 21Page - Analog Devices AD5667 Datasheet HTML 22Page - Analog Devices AD5667 Datasheet HTML 23Page - Analog Devices AD5667 Datasheet HTML 24Page - Analog Devices AD5667 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD5627R/AD5647R/AD5667R, AD5627/AD5667
Rev. 0 | Page 21 of 32
SERIAL INTERFACE
The AD56x7R/AD56x7 have 2-wire I2C-compatible serial
interfaces (refer to I2C-Bus Specification, Version 2.1, January 2000,
available from Philips Semiconductor). The AD56x7R/AD56x7
can be connected to an I2C bus as a slave device, under the control
of a master device. See Figure 3 for a timing diagram of a
typical write sequence.
The AD56x7R/AD56x7 support standard (100 kHz), fast
(400 kHz), and high speed (3.4 MHz) data transfer modes.
High speed operation is only available on select models. See
the Ordering Guide for a full list of models. Support is not
provided for 10-bit addressing and general call addressing.
The AD56x7R/AD56x7 each have a 7-bit slave address. The five
MSBs are 00011 and the two LSBs (A1, A0) are set by the state
of the ADDR address pin. The facility to make hardwired
changes to ADDR allows the user to incorporate up to three of
these devices on one bus, as outlined in Table 7.
Table 7. Device Address Selection
ADDR Pin Connection
A1
A0
VDD
0
0
No Connection
1
0
GND
1
1
The 2-wire serial bus protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition when a high-to-low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address. The slave
address corresponding to the transmitted address responds
by pulling SDA low during the 9th clock pulse (this is
termed the acknowledge bit). At this stage, all other devices
on the bus remain idle while the selected device waits for
data to be written to, or read from, its shift register.
2.
Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge
bit). The transitions on the SDA line must occur during the
low period of SCL and remain stable during the high
period of SCL.
3.
When all data bits have been read or written, a stop
condition is established. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish a
stop condition. In read mode, the master issues a no
acknowledge for the 9th clock pulse (that is, the SDA line
remains high). The master then brings the SDA line low
before the 10th clock pulse, and then high during the 10th
clock pulse to establish a stop condition.
WRITE OPERATION
When writing to the AD56x7R/AD56x7, the user must begin
with a start command followed by an address byte (R/W= 0),
after which the DAC acknowledges that it is prepared to receive
data by pulling SDA low. The AD56x7R/AD56x7 requires two
bytes of data for the DAC and a command byte that controls
various DAC functions. Three bytes of data must therefore be
written to the DAC, the command byte followed by the most
significant data byte and the least significant data byte, as
shown in Figure 54. All these data bytes are acknowledged by
the AD56x7R/AD56x7. A stop condition follows.
READ OPERATION
When reading data back from the AD56x7R/AD56x7, the user
begins with a start command followed by an address byte
(R/W = 1), after which the DAC acknowledges that it is
prepared to transmit data by pulling SDA low. Three bytes of
data are then read from the DAC, which are acknowledged by
the master, as shown in Figure 55. A stop condition follows.
HIGH SPEED MODE
The AD5627RBRMZ and the AD5667RBRMZ offer high speed
serial communication with a clock frequency of 3.4 MHz. See
the Ordering Guide for details.
High speed mode communication commences after the master
addresses all devices connected to the bus with the Master Code
00001XXX to indicate that a high speed mode transfer is to
begin (see Figure 56). No device connected to the bus is
permitted to acknowledge the high speed master code.
Therefore, the code is followed by a no acknowledge. The
master must then issue a repeated start followed by the device
address. The selected device then acknowledges its address.
All devices continue to operate in high speed mode until the
master issues a stop condition. When the stop condition is
issued, the devices return to standard/fast mode. The part also
returns to standard/fast mode when CLR is activated while the
part is in high speed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com