Electronic Components Datasheet Search
  English  ▼

X  

S760K Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # S760K
Description  0.08 2.0mm x 0.374 LONG POWER PLUG W/LOCKRING, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

S760K Datasheet(HTML) 1 Page - Switchcraft, Inc.

  S760K Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.41
10.5
0.49
12.3
0.82
20.9
5/16-24 UNF-2A
THREAD
0.08 ID REF
2.1
A
A
0.218 ID REF
5.5
SLEEVE TERMINAL
CABLE CLAMP
TIP TERMINAL
HANDLE
SHIPPED
UNASSEMBLED
COUPLING RING
0.38
9.5
1.00
25.4
0.218
5.5
1.70
43.2
0.374
9.5
0.062
1.6
SECTION A-A
FLOATING LOCKRING
5/16-32 NEF-2B
INTERNAL THREAD
NOTES:
1. MATERIALS:
CONDUCTORS, LOCKRING - BRASS, NICKEL PLATED
TERMINALS - BRASS, TIN PLATED
INSULATORS, HANDLE - THERMOPLASTIC
2. THIS PRODUCT IS RoHS COMPLIANT
PART
NUMBER
HANDLE
COLOR
S760K
BLACK
S765K
RED
C
S760K-S765K
0.08 [2.0]mm x 0.374 LONG
POWER PLUG W/LOCKRING, RoHS
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES
- TWO PLACE DECIMALS
0.02
- THREE PLACE DECIMALS
0.005
1
OF
1
SHEET
TJK
3-31-09
JEB
3-31-09
JEB
3-31-09
TJK
JEB
11-13-08
25989
C
APVD
CHKD
BY
DATE DRAWN
2:1
*
SCALE
FIRST USED ON
*
SPEC No.
*
SPEC No.
*
MATERIAL
*
FINISH
*
*
*
*
*
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
A
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - S760K

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
S760KH SWITCH-S760KH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
S760KH SWITCH-S760KH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results

Similar Description - S760K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
STK4131V SANYO-STK4131V Datasheet
51Kb / 3P
AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.08%)
logo
Switchcraft, Inc.
RAPC722 SWITCH-RAPC722 Datasheet
79Kb / 1P
POWER JACK, PC MOUNT 0.08 [2.0mm] PIN
RASH722 SWITCH-RASH722 Datasheet
138Kb / 2P
POWER JACK, HYBRID MOUNT 0.08 [2.0mm] PIN
RASH722P SWITCH-RASH722P Datasheet
144Kb / 2P
POWER JACK, HYBRID MOUNT 0.08 [2.0mm] PIN
RASM722 SWITCH-RASM722 Datasheet
95Kb / 1P
POWER JACK, SURFACE MOUNT 0.08 [2.0mm] PIN
RASM722P SWITCH-RASM722P Datasheet
101Kb / 1P
POWER JACK, SURFACE MOUNT 0.08 [2.0mm] PIN
761K SWITCH-761K Datasheet
225Kb / 1P
0.10 2.5mm x 0.474LONG POWER PLUG W/LOCKRING, RoHS
S760 SWITCH-S760 Datasheet
210Kb / 1P
0.08 2mm x 0.374 LONG POWER PLUG, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com