Electronic Components Datasheet Search
  English  ▼

X  

SP3223E Datasheet(PDF) 2 Page - Exar Corporation

Part # SP3223E
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3223E Datasheet(HTML) 2 Page - Exar Corporation

  SP3223E Datasheet HTML 1Page - Exar Corporation SP3223E Datasheet HTML 2Page - Exar Corporation SP3223E Datasheet HTML 3Page - Exar Corporation SP3223E Datasheet HTML 4Page - Exar Corporation SP3223E Datasheet HTML 5Page - Exar Corporation SP3223E Datasheet HTML 6Page - Exar Corporation SP3223E Datasheet HTML 7Page - Exar Corporation SP3223E Datasheet HTML 8Page - Exar Corporation SP3223E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3223E/EB/EU_0_06272
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE ).......................................-0.3V to +7.0V
V- (NOTE )........................................+0.3V to -7.0V
V+ + |V-| (NOTE )...........................................+3V
I
CC (DC VCC or GND current).........................+00mA
Input Voltages
TxIN, ONLINE,
SHUTDOWN, EN......................-0.3V to VCC + 0.3V
RxIN...................................................................+5V
Output Voltages
TxOUT.............................................................+3.2V
RxOUT, STATUS.......................-0.3V to (V
CC + 0.3V)
Short-Circuit Duration
TxOUT.....................................................Continuous
Storage Temperature......................-65°C to +50°C
Power Dissipation per package
20-pin SSOP (derate 9.25mW/oC above +70oC)..750mW
20-pin TSSOP (derate .mW/oC above +70oC..900mW
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 3V.
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX.
Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C (Note 2).
ELECTRICAL CHARACTERISTICS
NOTE 2: C1 - C4 = 0.1µF, tested at 3.3V ±10%.
C1 = 0.047µF, C2-C4 = 0.33µF, tested at 5V±10%.
PARAMETER
MIN.
TYP.
MAX. UNITS
CONDITIONS
DC CHARACTERISTICS
Supply Current,
AUTO ON-LINE®
.0
0
µA
All RxIN open, ONLINE = GND,
SHUTDOWN = Vcc, TxIN = Vcc or
GND, Vcc = +3.3V, T
AMB = +25ºC
Supply Current, Shutdown
.0
0
µA
SHUTDOWN = GND, TxIN =
Vcc or GND, Vcc = +3.3V, T
AMB =
+25ºC
Supply Current,
AUTO ON-LINE® Disabled
0.3
.0
mA
ONLINE = SHUTDOWN = Vcc, No
Load, Vcc = +3.3V, T
AMB = +25ºC
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold
LOW
HIGH
GND
2.0
0.8
Vcc
V
Vcc = 3.3V or 5.0V,
TxIN, EN, SHUTDOWN, ONLINE
Input Leakage Current
+/-0.0
+/-.0
µA
TxIN, EN, ONLINE, SHUTDOWN,
T
AMB = +25ºC, Vin = 0V to Vcc
Output Leakage Current
+/-0.05
+/-0
µA
Receivers disabled, Vout = 0V to
Vcc
Output Voltage LOW
0.4
V
I
OUT = .6mA
Output Voltage HIGH
Vcc - 0.6 Vcc - 0.
V
I
OUT = -.0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com