Electronic Components Datasheet Search
  English  ▼

X  

AD5725 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5725
Description  Quad, 12-Bit, Parallel Input, Unipolar/Bipolar, Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5725 Datasheet(HTML) 2 Page - Analog Devices

  AD5725 Datasheet HTML 1Page - Analog Devices AD5725 Datasheet HTML 2Page - Analog Devices AD5725 Datasheet HTML 3Page - Analog Devices AD5725 Datasheet HTML 4Page - Analog Devices AD5725 Datasheet HTML 5Page - Analog Devices AD5725 Datasheet HTML 6Page - Analog Devices AD5725 Datasheet HTML 7Page - Analog Devices AD5725 Datasheet HTML 8Page - Analog Devices AD5725 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5725
Data Sheet
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Performance Characteristics ................................................ 5
Timing Characteristics, ............................................................... 6
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 10
Terminology .................................................................................... 14
Theory of Operation ...................................................................... 15
DAC Architecture....................................................................... 15
Output Amplifiers...................................................................... 15
Reference Inputs......................................................................... 15
Parallel Interface......................................................................... 15
Data Coding................................................................................ 15
CLR............................................................................................... 15
Power Supplies............................................................................ 17
Reference Configuration ........................................................... 17
Single +5 V Supply Operation.................................................. 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
8/13—Rev. B to Rev. C
Change Junction Temperature from 105°C to 150°C; Changed
Power Dissipation Package Condition from Derate 10 mW/°C
Above 70°C to Derate 10 mW/°C Above 60°C; Table 5 .............. 8
4/13—Rev. A to Rev. B
Changes to VREFN Input Current Parameter, Table 1.................... 3
Changes to Figure 27 and Figure 28............................................. 17
Changes to Figure 29 and Figure 30............................................. 18
12/08—Rev. 0 to Rev. A
Changes to Figure 26...................................................................... 13
7/07—Revision 0: Initial Version
Power Dissipation Package (Derate 10 mW/°C Above 60°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com