Electronic Components Datasheet Search
  English  ▼

X  

80C883 Datasheet(PDF) 13 Page - Intersil Corporation

Part # 80C883
Description  High Performance Microprocessor with Memory Management and Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C883 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button 80C883 Datasheet HTML 5Page - Intersil Corporation 80C883 Datasheet HTML 6Page - Intersil Corporation 80C883 Datasheet HTML 7Page - Intersil Corporation 80C883 Datasheet HTML 8Page - Intersil Corporation 80C883 Datasheet HTML 9Page - Intersil Corporation 80C883 Datasheet HTML 10Page - Intersil Corporation 80C883 Datasheet HTML 11Page - Intersil Corporation 80C883 Datasheet HTML 12Page - Intersil Corporation 80C883 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3-140
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
80C286/883
Die Characteristics
DIE DIMENSIONS:
286 x 283 x 19
±1mils
METALLIZATION:
Type: Si-Al
Thickness: 8k
Å
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å
WORST CASE CURRENT DENSITY: 2 X 105A/cm2
LEAD TEMPERATURE: (10s Soldering):
≤ 300oC
Metallization Mask Layout
80C286/883
Spec Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com