Electronic Components Datasheet Search
  English  ▼

X  

MSB30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSB30
Description  Glass Passivated Single Phase Rectifier Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSB30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSB30 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSB30 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSB30 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSB30
Document Number: MSB30
www.
Jan.28, 2011
1
smsemi.com
Glass Passivated Single
Phase Rectifier Bridge
VRRM 800 to 1800V
IFAV
30Amp
Applications
Supplies for DC power equipment
Input rectifiers for PWM inverter
Battery DC power supplies
Field supply for DC motors
Circuit
+
~
~
Advantages
Easy to mount
Space and weight savings
Features
Blocking voltage:800 to 1800V
Low forward voltage drop
Glass passivated chip
Module Type
TYPE
VRRM
VRSM
MSB30-08
MSB30-12
MSB30-16
MSB30-18
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Item
Conditions
Values
Units
ID
Output Current(D.C.)
Tc=100℃
30
A
IFSM
Surge forward current
t=10mS Tvj =45℃
400
A
i
2t
Circuit Fusing Consideration
800
A
2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
2500
V
Tvj
Operating Junction Temperature
-40 to +150
℃
Tstg
Storage Temperature
-40 to +150
℃
Mt
Mounting Torque
To terminals(M4)
1.5±15%
Nm
Ms
To heatsink(M4)
5±15%
Nm
Weight
Module(
Approximately)
145
g
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case Per diode
0.80
℃
/W
Rth(c-s)
Thermal Impedance, max.
Case to Heatsink Module
0.10
℃
/W
Electrical Characteristics
Values
Symbol
Item
Conditions
Min.
Typ.
Max.
Units
VFM
Forward Voltage Drop, max.
T=25℃ IF =15A
1.10
V
IRRM
Repetitive Peak Reverse Current,
max.
Tvj =25℃ VRD=VRRM
Tvj =150℃ VRD=VRRM
≤5
≤3
µA
mA


Similar Part No. - MSB30

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MSB3005 SHUNYE-MSB3005 Datasheet
237Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE: 50 --- 1000 V CURRENT : 3.0 A
logo
Bytesonic Electronics C...
MSB301 BYTESONIC-MSB301 Datasheet
1,013Kb / 3P
SINGLE PHASE 3.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.1 2020/5/8
logo
E-CMOS Corporation
MSB301 E-CMOS-MSB301 Datasheet
564Kb / 3P
Single-Phase Bridge Rectifier in MSB
Rev.F001
logo
Shanghai Shunye Electro...
MSB301 SHUNYE-MSB301 Datasheet
237Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE: 50 --- 1000 V CURRENT : 3.0 A
logo
SeCoS Halbleitertechnol...
MSB301S SECOS-MSB301S Datasheet
253Kb / 2P
3.0 Amp Surface Mount Bridge Rectifiers
More results

Similar Description - MSB30

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com