Electronic Components Datasheet Search
  English  ▼

X  

MSD52-16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSD52-16
Description  Glass Passivated Three Phase Rectifier Bridge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSD52-16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSD52-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSD52-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSD52-16 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSD52
Document Number: MSD52
www.
Aug.31, 2010
1
smsemi.com
Module Type
TYPE
VRRM
VRSM
MSD52-08
MSD52-12
MSD52-16
MSD52-18
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
ID
Three phase, full wave
Tc=110℃
50
A
IFSM
t=10mS Tvj =45℃
460
A
i
2t
t=10mS Tvj =45℃
1050
A
2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to +150
℃
Tstg
-40 to +125
℃
Mt
To terminals(M5)
5±15%
Nm
Ms
To heatsink(M5)
5±15%
Nm
Weight
Module (Approximately)
130
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
1.45
℃/W
Rth(c-s)
Module
0.07
℃/W
Electrical Characteristics
Circuit
Glass Passivated Three
Phase Rectifier Bridge
VRRM 800 to 1800V
ID
50 Amp
Features
Three phase bridge rectifier
Blocking voltage:800 to 1800V
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
Glass passivated chip
UL E243882 approved
Applications
Three phase rectifiers for power supplies
Rectifiers for DC motor field supplies
Battery charger rectifiers
Input rectifiers for variable frequency drives
+
~
~
~
MSD
Values
Symbol
Conditions
Min.
Typ.
Max.
Units
VFM
T=25℃ IF =150A
-
1.45
1.80
V
IRD
Tvj=25℃ VRD=VRRM
Tvj=150℃ VRD=VRRM
-
-
0.3
5
mA
mA


Similar Part No. - MSD52-16

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSD52A1 CONNOR-WINFIELD-MSD52A1 Datasheet
67Kb / 2P
HCMOS SM CLOCK WITH ENABLE/DISABLE
MSD52A1G CONNOR-WINFIELD-MSD52A1G Datasheet
208Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD52A1G-125M CONNOR-WINFIELD-MSD52A1G-125M Datasheet
208Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD52A4 CONNOR-WINFIELD-MSD52A4 Datasheet
179Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD52A4-125.00M CONNOR-WINFIELD-MSD52A4-125.00M Datasheet
179Kb / 2P
3.3V SURFACE MOUNT HCMOS CLOCK OSCILLATOR
More results

Similar Description - MSD52-16

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Jiangsu APT Semiconduct...
MD50S18M4 APTSEMI-MD50S18M4 Datasheet
80Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S18M5 APTSEMI-MD100S18M5 Datasheet
118Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD50S08M4 YANGJIE-MD50S08M4 Datasheet
129Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD100S08M2 YANGJIE-MD100S08M2 Datasheet
194Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
MD250S08M3 YANGJIE-MD250S08M3 Datasheet
140Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD60S18M2 LEIDITECH-MD60S18M2 Datasheet
311Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com