Electronic Components Datasheet Search
  English  ▼

X  

LCE30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LCE30
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LCE30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LCE30 Datasheet HTML 1Page - List of Unclassifed Manufacturers LCE30 Datasheet HTML 2Page - List of Unclassifed Manufacturers LCE30 Datasheet HTML 3Page - List of Unclassifed Manufacturers LCE30 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LCE6.5 thru LCE170A
Document Number: LCE6.5 thru LCE170A
www.smsemi.com
Feb.29, 2012
1
Maximum Ratings and Electrical Characteristics @ 25
OC unless otherwise specified
Symbol
Conditions
Value
Unit
PPPM
Peak pulse power capability with a 10/1000μs
1500
W
IPPM
Peak pulse current with
a 10/1000μs
SEE TABLE1
A
PM(AV)
Steady state power dissipation at TL=40℃ ,Lead lengths 0.375”(10mm)
5
W
Steady state power dissipation at TA=25℃ when mounted on FR4 PC
described for thermal resistance
1.52
W
VF
Maximum instantaneous forward voltage at 100A
3.5
V
RθJL
Thermal resistance junction to lead
22
℃/W
RθJA
Thermal resistance junction to ambient
82
℃/W
TJ, TSTG
Operating and Storage Temperature
-65 to +150
℃
Transient Voltage Suppressor
Breakdown Voltage 6.5 to 170 Volts
Peak Pulse Power
1500 Watts
Features
Breakdown Voltages (VBR)from 6.5 to 170V
1500W peak pulse power capability with a 10/1000
μs
waveform, repetitive rate (duty cycle):0.01%
Low capacitance
Fast Response Time
Excellent clamping capability
High temperature soldering guaranteed: 265℃ /10
seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3kg)
tension
Application
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICS, MOSFE, signal lines of sensor units for
consumer, computer, industrial, automotive and
telecommunication
Mechanical Data
Case: Void-free transfer molded thermosetting epoxy
body meeting UL94V-O
Terminals: Tin-Lead or ROHS Compliant annealed
matte-Tin plating readily solderable per MIL-STD-750,
Method 2026
Marking: Part number and cathode band
Polarity: Cathode indicated by band
Weight: 1.2g(Approximately)
CASE: DO-204AL (DO-27)
Dimensions in inches and (millimeters)
打印无效


Similar Part No. - LCE30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE30 EIC-LCE30 Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE30 MICROSEMI-LCE30 Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Shenzhen Taychipst Elec...
LCE30 TAYCHIPST-LCE30 Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE30 NJSEMI-LCE30 Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
LCE3010S LEIDITECH-LCE3010S Datasheet
1Mb / 6P
LCE N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LCE30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com